Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 44 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 44 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 40Page - Microchip Technology LAN9354 Datasheet HTML 41Page - Microchip Technology LAN9354 Datasheet HTML 42Page - Microchip Technology LAN9354 Datasheet HTML 43Page - Microchip Technology LAN9354 Datasheet HTML 44Page - Microchip Technology LAN9354 Datasheet HTML 45Page - Microchip Technology LAN9354 Datasheet HTML 46Page - Microchip Technology LAN9354 Datasheet HTML 47Page - Microchip Technology LAN9354 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 487 page
background image
LAN9354
DS00001926B-page 44
 2015 Microchip Technology Inc.
2
Port B PHY Reset (PHY_B_RST)
Setting this bit resets the Port B PHY. The internal logic automatically holds
the PHY reset for a minimum of 102uS. When the Port B PHY is released
from reset, this bit is automatically cleared. All writes to this bit are ignored
while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader’s register
initialization function (Section 12.4.5).
R/W
SC
0b
1
Port A PHY Reset (PHY_A_RST)
Setting this bit resets the Port A PHY. The internal logic automatically holds
the PHY reset for a minimum of 102uS. When the Port A PHY is released
from reset, this bit is automatically cleared. All writes to this bit are ignored
while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader’s register
initialization function (Section 12.4.5).
R/W
SC
0b
0
Digital Reset (DIGITAL_RST)
Setting this bit resets the complete chip except the PLL, Virtual PHY, Port B
PHY and Port A PHY. All system CSRs are reset except for any NASR type
bits. Any in progress EEPROM commands (including RELOAD) are termi-
nated.
The EEPROM Loader will automatically reload the configuration following
this reset, but will not reset the Virtual PHY, Port B PHY or Port A PHY. If
desired, the above PHY resets can be issued once the device is configured.
When the chip is released from reset, this bit is automatically cleared. All
writes to this bit are ignored while this bit is set.
Note:
This bit is not accessible via the EEPROM Loader’s register
initialization function (Section 12.4.5).
R/W
SC
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com