Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 55Page - Microchip Technology LAN9354 Datasheet HTML 56Page - Microchip Technology LAN9354 Datasheet HTML 57Page - Microchip Technology LAN9354 Datasheet HTML 58Page - Microchip Technology LAN9354 Datasheet HTML 59Page - Microchip Technology LAN9354 Datasheet HTML 60Page - Microchip Technology LAN9354 Datasheet HTML 61Page - Microchip Technology LAN9354 Datasheet HTML 62Page - Microchip Technology LAN9354 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 487 page
background image
 2015 Microchip Technology Inc.
DS00001926B-page 59
LAN9354
autoneg_strap_2
PHY B Auto Negotiation Enable Strap:
Configures the
default value of the Auto-Negotiation Enable (PHY_AN)
enable bit in the (x=B) PHY x Basic Control Register
(PHY_BASIC_CONTROL_x).
This strap also affects the default value of the following regis-
ter bits (x=B):
• Speed Select LSB (PHY_SPEED_SEL_LSB) and Duplex
Mode (PHY_DUPLEX) bits of the PHY x Basic Control
Register (PHY_BASIC_CONTROL_x)
• 10BASE-T Full Duplex and 10BASE-T Half Duplex bits of
the PHY x Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)
• PHY Mode (MODE[2:0]) bits of the PHY x Special Modes
Register (PHY_SPECIAL_MODES_x)
Note:
This has no effect when the PHY is in 100BASE-FX
mode.
Refer to the respective register definition sections for addi-
tional information.
1b
speed_strap_2
PHY B Speed Select Strap:
This strap affects the default
value of the following register bits (x=B):
• Speed Select LSB (PHY_SPEED_SEL_LSB) bit of the
PHY x Basic Control Register (PHY_BASIC_CON-
TROL_x)
• 10BASE-T Full Duplex and 10BASE-T Half Duplex bits of
the PHY x Auto-Negotiation Advertisement Register
(PHY_AN_ADV_x)
• PHY Mode (MODE[2:0]) bits of the PHY x Special Modes
Register (PHY_SPECIAL_MODES_x)
Note:
This has no effect when the PHY is in 100BASE-FX
mode.
Refer to the respective register definition sections for addi-
tional information.
1b
duplex_strap_2
PHY B Duplex Select Strap:
This strap affects the default
value of the following register bits (x=B):
• Duplex Mode (PHY_DUPLEX) bit of the PHY x Basic
Control Register (PHY_BASIC_CONTROL_x)
• 10BASE-T Full Duplex bit of the PHY x Auto-Negotiation
Advertisement Register (PHY_AN_ADV_x)
• PHY Mode (MODE[2:0]) bits of the PHY x Special Modes
Register (PHY_SPECIAL_MODES_x)
Refer to the respective register definition sections for addi-
tional information.
1b
TABLE 7-1:
SOFT-STRAP CONFIGURATION STRAP DEFINITIONS (CONTINUED)
Strap Name
Description
Pin / Default Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com