Electronic Components Datasheet Search
  English  ▼

X  

LAN9354 Datasheet(PDF) 10 Page - Microchip Technology

Part # LAN9354
Description  3-Port 10/100 Managed Ethernet Switch
PDF  487 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9354 Datasheet(HTML) 10 Page - Microchip Technology

Back Button LAN9354 Datasheet HTML 6Page - Microchip Technology LAN9354 Datasheet HTML 7Page - Microchip Technology LAN9354 Datasheet HTML 8Page - Microchip Technology LAN9354 Datasheet HTML 9Page - Microchip Technology LAN9354 Datasheet HTML 10Page - Microchip Technology LAN9354 Datasheet HTML 11Page - Microchip Technology LAN9354 Datasheet HTML 12Page - Microchip Technology LAN9354 Datasheet HTML 13Page - Microchip Technology LAN9354 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 487 page
background image
LAN9354
DS00001926B-page 10
 2015 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS AND CONFIGURATION
3.1
56-QFN Pin Assignments
FIGURE 3-1:
56-QFN PIN ASSIGNMENTS (TOP VIEW)
Note:
When a “#” is used at the end of the signal name, it indicates that the signal is active low. For example,
RST# indicates that the reset signal is active low.
The buffer type for each signal is indicated in the “Buffer Type” column of the pin description tables in Sec-
tion 3.2, "Pin Descriptions". A description of the buffer types is provided in Section 1.2, "Buffer Types".
Note: Exposed pad (VSS) on bottom of package must be connected to ground with a via field.
(Connect exposed pad to ground with a via field)
VSS
LAN9354
56-QFN
( Top V i e w )
4
5
6
7
8
9
10
11
39
38
37
36
35
34
33
32
REG_EN
VDDCR
FXLOSEN
FXSDA/FXLOSA/FXSDENA
FXSDB/FXLOSB/FXSDENB
RST#
GPIO7
GPIO6
VDDIO
LED1/GPIO1/TDI
IRQ
P0_MDC
VDDIO
P0_DUPLEX
I2CSCL/EESCL/TCK
LED2/GPIO2/E2PSIZE
2
3
12
13
31
30
41
40
VDD33
OSCVSS
OSCVDD12
OSCO
I2CSDA/EESDA/TMS
TESTMODE
P0_MDIO
VDDCR
1
OSCI
14
VDDIO
29
LED3/GPIO3/EEEEN
LED0/GPIO0/TDO/MNGT0
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com