Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 18Page - Texas Instruments LP3910 Datasheet HTML 19Page - Texas Instruments LP3910 Datasheet HTML 20Page - Texas Instruments LP3910 Datasheet HTML 21Page - Texas Instruments LP3910 Datasheet HTML 22Page - Texas Instruments LP3910 Datasheet HTML 23Page - Texas Instruments LP3910 Datasheet HTML 24Page - Texas Instruments LP3910 Datasheet HTML 25Page - Texas Instruments LP3910 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
OUTPUT CURRENT (mA)
0.1
1
10
100
1000
VIN = 4.2 V
VIN = 2.7 V
VIN = 3.3 V
100
80
70
50
90
60
OUTPUT CURRENT (mA)
0.1
1
10
100
1000
VIN = 4.2 V
VIN = 2.7 V
VIN = 3.6 V
100
80
70
50
90
60
VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VOUT = 3.3 V
VOUT = 1.8 V
100
95
85
80
75
70
60
90
65
OUTPUT CURRENT (mA)
0.1
1
10
100
1000
VBATT = 4.2 V
VBATT = 3.3 V
VBATT = 2.7 V
100
60
40
0
80
20
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
7.21.4 Buck-Boost Characteristics
VOUT = 3.3 V
ILOAD= 100 mA
Figure 38. Forced PWM Efficiency vs ILOAD
Figure 37. Efficiency vs VIN
VOUT = 1.8 V
VOUT = 3.3 V
Figure 40. Automode Efficiency vs ILOAD
Figure 39. Automode Efficiency vs ILOAD
VIN = 4.2 V
VOUT = 3.3 V
ILOAD = 250 mA
VIN = 3.6 V
VOUT = 3.3 V
ILOAD = 250 mA
Figure 41. Switch Pins in Buck Mode Operation
Figure 42. Switch Pin on Edge of Buck Mode Operation
22
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com