Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 34Page - Texas Instruments LP3910 Datasheet HTML 35Page - Texas Instruments LP3910 Datasheet HTML 36Page - Texas Instruments LP3910 Datasheet HTML 37Page - Texas Instruments LP3910 Datasheet HTML 38Page - Texas Instruments LP3910 Datasheet HTML 39Page - Texas Instruments LP3910 Datasheet HTML 40Page - Texas Instruments LP3910 Datasheet HTML 41Page - Texas Instruments LP3910 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
ADC executes
conversion request
System CPU
services IRQ
CPU reads data
Start
cid
reg
data
start
stop
cid
reg
data
start
stop
Select adc source
End
CPU
sends next
start conversion
command
?
cid
reg
Cid/R
start
stop
start
reg
Y
N
I2C
transfers
CPU sends start
conversion command
to ADC
Conversion done
pulls down IRQB
line
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
Figure 60. Data Measurement and Acquisition Sequence
8.3.6 Interrupt Request Output
The LP3910 has the ability to interrupt the system processor through the open drain IRQB pin, which transitions
to an active logic low level upon the following 8 events:
•
USB Power detected
•
USB disconnected
•
CHG_IN Power detected
•
CHG_IN disconnected
•
Battery low alarm
•
Thermal alarm
•
ADC conversion completed
•
Charger safety timer time-out
The events form the interrupt sources that correspond to a certain bit location in the interrupt request (IRQ)
register. All interrupt sources can be masked by the interrupt mask register (IMR). Masking the interrupt prevents
the interrupt event from asserting the IRQB pin, yet the event is still captured in the IRQ register, which allows
the processor to poll the interrupt sources.
After an active low IRQB has been detected by the system processor, the latter services the interrupt and
accesses the IRQ register to determine which source was responsible for the interrupt request. Reading the IRQ
register automatically clears the register to enable the capture of the next interrupt events.
38
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com