Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 57Page - Texas Instruments LP3910 Datasheet HTML 58Page - Texas Instruments LP3910 Datasheet HTML 59Page - Texas Instruments LP3910 Datasheet HTML 60Page - Texas Instruments LP3910 Datasheet HTML 61Page - Texas Instruments LP3910 Datasheet HTML 62Page - Texas Instruments LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
LP3910
47
45
41
42
46
VDD1
VDD2
VDD3
CHG_DET
USBPWR
37
38
USBSUSP
USBISEL
15
16
CHG
STAT
43
VBATT3
44
2
VBATT2
VBATT1
1
TS
VACDC_ADAPTER
+
-
26
ONOFF
5
LDO2EN
35
33
32
31
VBBL1
VBBL2
VBBOUT
VBBFB
23
25
VBUCK2
VFB2
20
18
VBUCK1
VFB1
17
34
BBGND1
39
BBGND2
24
BCK2GND
19
BCK1GND
6
VLDO2
8
VLDO1
36
VIN4
22
VIN3
21
VIN2
7
VIN1
USB Controller
D+
D-
Battery
VDD
5V_USB
10
ISENSE
Audio Analog
Touchpad
SoC
28
VDDIO
30
ONSTAT
27
I2C_SCL
29
I2C_SDA
14
NRST
13
IRQB
9
POWERACK
GPIO
SCL
SDA
/RESET
/IRQ
GPIO
GND
VDDIO
CPU
SDRAM/DDR
FLASH
IO
1.2 V
3.1 V
3.3 V
HDD
BUCK1EN
VDD
4
VREFH
48
IREF
3
40
DGND
AGND
12
11
ADC2
ADC1
4.7 µF
4.7 µF
10 µF
1 µF
1 µF
1 µF
2.2 µH
2.2 µH
2.2 µH
22 µF
10 µF
10 µF
4.64
NŸ
121
NŸ
0.1 µF
4.7 µF
4.7 µF
22 k 1.8 k 1.8 k 22 k 22 k
10 µF
10 µF
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP3910 is a programmable system power management unit optimized for HDD-based portable media
players. The device is intended to connect to an AC-DC wall adapter or USB power source in addition to a
lithium-Ion or lithium-polymer single-cell battery. The device can be configured over an I2C interface, or the
default configuration stored in EPROM can be used. Additional features such as current and voltage
measurements with the ADC or battery thermal monitoring can also be controlled via the I2C interface and
interrupt pins.
9.2 Typical Application
Figure 75. LP3910 Typical Application
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com