Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 43Page - Texas Instruments LP3910 Datasheet HTML 44Page - Texas Instruments LP3910 Datasheet HTML 45Page - Texas Instruments LP3910 Datasheet HTML 46Page - Texas Instruments LP3910 Datasheet HTML 47Page - Texas Instruments LP3910 Datasheet HTML 48Page - Texas Instruments LP3910 Datasheet HTML 49Page - Texas Instruments LP3910 Datasheet HTML 50Page - Texas Instruments LP3910 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
8.4.2.3 Power-Off Timing
The timing delays during a power-off sequence are equal to 63 ms minus the timing delay during the power on
sequence (see Table 10).
Table 10. Power-Off Timing Defaults
TIME (STANDARD
SYMBOL
DESCRIPTION
TIME (AP option)
UNIT
OPTIONS)
T1
Delay for LDO1 and LDO2
58
10
ms
T2
Delay to Buck1
48
10
ms
T3
Delay for Buck2
43
10
ms
T4
Delay for Buck-Boost
38
10
ms
T5
Delay for NRST
3
3
ms
8.4.2.4 Transitioning From Standby to Active Mode (Power Up) Battery Power Present Only
When only battery power is present and the battery voltage VBATT > VBATTLOW, the LP3910 is waiting for one of
three valid wakeup signals. The first is the ONOFF pin. The second and third wakeups are the wall adapter and
USBPWR. The ONOFF pin is a factory-programmable wakeup source. It can be a rising edge, a falling edge, a
level high, or a level low event. Regardless of the mode, the signal requires a 32-ms deglitch time. A deglitched
version of the ONOFF pin is output on the open-drain output pin ONSTAT. ONOFF is usually connected to a
push button. Asserting the ONOFF pin starts the power-on sequencer. This enables the DC-DC converters,
including the Buck1 DC-DC converter that supplies power to the system processor. The system processor then
must set bit D4 (PACK bit) in the power-on event register through the I2C interface or apply a logic high to the
POWERACK pin to keep the device in the Active mode. These serve as power acknowledgment, confirming the
power-on request initiated by the ONOFF pin. If neither the PACK bit (D4) in the PON register or the
POWERACK pin is set within 128 ms (maximum) of the start of the power-up sequencer, the LP3910 is
automatically turned off, as the system has failed to acknowledge the power-on request. Connecting the battery
is considered a power-on event. However, hot insertion of the battery with the adapter connected is NOT
permitted.
8.4.2.5 Transitioning From Active Mode to Standby Mode
8.4.2.5.1
External Event Triggers the Transition From Active to Standby Mode
When the device is active, a subsequent re-assertion of the push button turns off the LP3910 indirectly by first
flagging the system processor though the ONSTAT pin. Upon detecting the ONSTAT transition, the system
processor must clear bit D4 (PACK) in the power on event register and apply a logic low to the POWERACK pin
to power down the LP3910, which then transitions to Standby Mode. Clearing the PACK register bit and
POWERACK pin while external supply sources are present (either USB or CHG_IN) does not power down the
LP3910, to keep the charger active. The system can as always disable all necessary DC-DC converters, except
Buck1, through the register control.
When external power is disconnected, LP3910 remains in its active state unless the battery voltage is below VBLA
(battery low alarm) or unless the PACK (either bit D4 in the PON register and the POWERACK pin) is cleared by
the system processor.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com