Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 63 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 59Page - Texas Instruments LP3910 Datasheet HTML 60Page - Texas Instruments LP3910 Datasheet HTML 61Page - Texas Instruments LP3910 Datasheet HTML 62Page - Texas Instruments LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments LP3910 Datasheet HTML 66Page - Texas Instruments LP3910 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
9.2.2.1.2
Method 2
A more conservative and recommended approach is to choose an inductor that has saturation current rating
greater than the maximum current limit.
INDUCTOR
VALUE
DESCRIPTION
NOTES
LSW1,2
2.2 µH
Buck1,2 Inductor
DCR 70 m
Ω
LBB
2.2 µH
Buck-Boost Inductor
DCR 70 m
Ω
9.2.2.2 External Capacitors
The regulators on the LP3910 require external capacitors for regulator stability. These are specifically designed
for portable applications requiring minimum board space and smallest components. These capacitors must be
correctly selected for good performance.
9.2.2.2.1
LDO Capacitor Selection
9.2.2.2.1.1
Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-µF capacitor be connected between the
LDO input pin and ground. (This capacitance value may be increased without limit.)
The input capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good-quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge currents when
connected to a low impedance source of power (such as a battery or a very large
capacitor). If a tantalum capacitor is used at the input, it should be ensured by the
manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance remains
approximately 1 µF over the entire operating temperature range.
9.2.2.2.1.2
Output Capacitor
The LDOs on the LP3910 are designed specifically to work with very small ceramic output capacitors. A 1-
μF
ceramic capacitor (temperature types Z5U, Y5V or X7R) with ESR between 5 m
Ω to 500 mΩ, are suitable in the
application circuit.
Tantalum or film capacitors may also be used at the device output, COUT (or VOUT), but these are not as attractive
for reasons of size and cost.
The output capacitor must meet the requirement for the minimum value of capacitance and also have an ESR
value that is within the range 5 m
Ω to 500 mΩ for stability.
9.2.2.2.1.3
Capacitor Characteristics
The LDOs are designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer. For capacitance values in the range of 0.47 µF to 4.7 µF, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise. The
ESR of a typical 1-µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR
requirement for stability for the LDOs.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly, depending on the operating conditions and
capacitor type.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com