Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 3 Page - Texas Instruments

  LP3910 Datasheet HTML 1Page - Texas Instruments LP3910 Datasheet HTML 2Page - Texas Instruments LP3910 Datasheet HTML 3Page - Texas Instruments LP3910 Datasheet HTML 4Page - Texas Instruments LP3910 Datasheet HTML 5Page - Texas Instruments LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
5 Device Comparison Tables
Table 1. Device Default Voltage Options
ORDER NUMBER
LDO1
LDO2
BUCK1
BUCK2
BUCK-BOOST
ICHRG
LP3910SQ-AA
2 V
3.3 V
1.2 V
3.3 V
3.3 V
100 mA
LP3910SQX-AA
2 V
3.3 V
1.2 V
3.3 V
3.3 V
100 mA
LP3910SQ-AK
2.5 V
3 V
1.6 V
1.8 V
3.3 V
100 mA
LP3910SQX-AK
2.5 V
3 V
1.6 V
1.8 V
3.3 V
100 mA
LP3910SQ-AM
3.3 V
3.3 V
1.5 V
1.8 V
3.3 V
100 mA
LP3910SQX-AM
3.3 V
3.3 V
1.5 V
1.8 V
3.3 V
100 mA
LP3910SQ-AN
1.2 V
2.5 V
1 V
1.8 V
3.3 V
1000 mA
LP3910SQX-AN
1.2 V
2.5 V
1 V
1.8 V
3.3 V
1000 mA
Table 2. Device Option Parameters for AP Option
SYMBOL
DESCRIPTION
VALUE
LDO1
Default LDO1
2.8 V
LDO2
Default LDO2
1.5 V
Buck1
Default Buck1
1.45 V
Buck2
Default Buck2
1.8 V
Buck-Boost
Default Buck-Boost
3.3 V
ICHRG
Default charge current
100 mA
T1
Turnon delay for LDO1 and LDO2
6 ms
T2
Turnon delay for Buck1
3 ms
T3
Turnon delay for Buck2
1 ms
T4
Turnon delay for Buck-Boost
0 ms
T5
Turnon delay for NRST
10 ms
T1
Turnoff delay for LDO1 and LDO2
10 ms
T2
Turnoff delay for Buck1
10 ms
T3
Turnoff delay for Buck2
10 ms
T4
Turnoff delay for Buck-Boost
10 ms
T5
Turnoff delay for NRST
3 ms
VBATTLOW
battery low threshold
2.5 V
VFULLRATE
Full-rate threshold
2.55 V
ILED
Default LED current
2 V
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com