Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 53Page - Texas Instruments LP3910 Datasheet HTML 54Page - Texas Instruments LP3910 Datasheet HTML 55Page - Texas Instruments LP3910 Datasheet HTML 56Page - Texas Instruments LP3910 Datasheet HTML 57Page - Texas Instruments LP3910 Datasheet HTML 58Page - Texas Instruments LP3910 Datasheet HTML 59Page - Texas Instruments LP3910 Datasheet HTML 60Page - Texas Instruments LP3910 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
Table 11. LDO2 Control Register (09)H
D7–6
D5
D4–0
Access
Read Only 0
R/W
Data
Reserved
Operation
LDO1 Output Voltage (V)
0: enable/ disable determined by
5’h00
1.3
state of LDO2EN pin
5’h01
1.4
1: enable, override LDO2EN
state
5’h02
1.5
5’h03
1.6
5’h04
1.7
5’h05
1.8
5’h06
1.9
5’h07
2
5’h08
2.1
5’h09
2.2
5’h0A
2.3
5’h0B
2.4
5’h0C
2.5
5’h0D
2.6
5’h0E
2.7
5’h0F
2.8
5’h10
2.9
5’h11
3
5’h12
3.1
5’h13
3.2
5’h14 –5’h1F
3.3
Reset
n/a
0
Factory-Programmed Default
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com