Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 27Page - Texas Instruments LP3910 Datasheet HTML 28Page - Texas Instruments LP3910 Datasheet HTML 29Page - Texas Instruments LP3910 Datasheet HTML 30Page - Texas Instruments LP3910 Datasheet HTML 31Page - Texas Instruments LP3910 Datasheet HTML 32Page - Texas Instruments LP3910 Datasheet HTML 33Page - Texas Instruments LP3910 Datasheet HTML 34Page - Texas Instruments LP3910 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
External or
USB Power
Charger
State
Machine and
registers
Vbatt
+
-
+
-
Vfull
Vrestart
+
-
+
-
+
Current
Control
Vref
Batt
Iref
Iprog
+
+
-
-
Ts
Vref
CV
CC
+
+
CV: Constant Voltage regulation
CC: Constant Current regulation
Thermal
regulation
Li - Ion Cell
Ref 0.27V
Ref 2.87V
Batt_temp
I2C
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 53. Charger Architecture
The charger module is a linear charger with constant current pre-qualification, CC full-rate charging and CV
charging. CC and CV regulation is performed using an internal Power FET Q2 with reverse current blocking. The
termination voltage is controlled to within ±0.35% at room temperature.
The power FET Q1 acts as a switch with programmable current limit for USB operation.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com