Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 25Page - Texas Instruments LP3910 Datasheet HTML 26Page - Texas Instruments LP3910 Datasheet HTML 27Page - Texas Instruments LP3910 Datasheet HTML 28Page - Texas Instruments LP3910 Datasheet HTML 29Page - Texas Instruments LP3910 Datasheet HTML 30Page - Texas Instruments LP3910 Datasheet HTML 31Page - Texas Instruments LP3910 Datasheet HTML 32Page - Texas Instruments LP3910 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
VBBL
1
BUCK/
BOOST
VBBL
2
VBBOUT
Lbb
Cbb
VBBFB
35
33
32
31
LOAD
22 PF
2.2 PH
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Load
current
increases
Low2 PFM
Threshold VOUT
Low PFM
Threshold,
turn on
PFET
High PFM
Voltage
Threshold reached,
go into
sleep mode
NFET on
drains inductor
until
I inductor=0
PFET on
until
Ipfm limit
reached
Current load increases,
draws VOUT towards
Low2 PFM Threshold
Low2 PFM
Threshold,
switch back to
PWMmode
Low1 PFM Threshold
approx. 1.008 x VOUT
High PFM Threshold
approx. 1.016 x VOUT
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
Feature Description (continued)
Figure 50. Operation in PFM Mode and Transfer to PWM Mode
8.3.2 Buck-Boost: Synchronous Buck-Boost Magnetic DC-DC Converter
The LP3910 is equipped with a synchronous buck-boost magnetic DC-DC converter to supply power to the hard
drive that has a typical 3.3-V operating voltage. This voltage is lower than the maximum battery (4.2 V typically
for Li-polymer cells) and higher than the minimum battery (typically 2.8 V). Therefore, in order to provide 3.3 V,
regardless of the battery voltage, the Buck-Boost converter either steps down the battery voltage or steps up the
battery voltage. The Buck-Boost automatically switches between PWM and PFM modes depending on the load
and automatically switches between buck and boost modes, depending on the battery voltage.
By setting bit D6 of the Buck-Boost control register, the Buck-Boost is forced to operate using PWM modulation
regardless of the load. By default this bit is cleared.
Figure 51. Schematic Section for Buck-Boost Operation
8.3.3 Linear Low Dropout Regulators (LDOs)
LDO1 is a regulator that can respond to fast transients and is slated for digital loads and high bandwidth analog
loads. LDO2 is a linear regulator with a similar architecture but has a slower transient response time with a lower
noise performance to supply analog loads. The output voltages of both LDOs are register programmable through
the I2C interface. The default output voltages are factory programmed during final test.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com