Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 38Page - Texas Instruments LP3910 Datasheet HTML 39Page - Texas Instruments LP3910 Datasheet HTML 40Page - Texas Instruments LP3910 Datasheet HTML 41Page - Texas Instruments LP3910 Datasheet HTML 42Page - Texas Instruments LP3910 Datasheet HTML 43Page - Texas Instruments LP3910 Datasheet HTML 44Page - Texas Instruments LP3910 Datasheet HTML 45Page - Texas Instruments LP3910 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
T1
ONSTAT
NRST
POWERACK deadline
VBUCK2
or
ONOFF
External
Events
128 ms
POWERACK
t4
VREFH
xxxxxx
xxxxxx
Power Up Sequence
(Bit D4 in PON register or
POWERBACK pin)
BUCK/BOOST
VBUCK1
CHG_DET/USBPWR
(If LDO2ENB is logic 1 during NRST Low,
otherwise LDO2 are register or pin enabled)
VLDO1, VLDO2
t3
t2
t1
t0
t5
T5
deglitch
deglitch
32 ms
32 ms
T4
5 ms
T3
T2
(To Microprocessor)
(From Microprocessor)
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
8.3.15 External Power and Battery Detection
When a wall adapter is detected, regardless of the battery voltage, the LP3910 moves to the active mode and
the power-up sequencer is started. Similar to the ONOFF pin, there is a 32-ms deglitch time to ensure a clean
wall adapter detection and the system processor must set the PACK bit (D4) in the PON register or the
POWERACK pin within 128 ms (maximum) of the start of the power-up sequencer.
When USB PWR is detected, and the battery is above the low-battery-alarm threshold, the LP3910 moves to the
active mode, and the power-up sequencer is started. As with the ONOFF pin, there is a 32-ms deglitch time to
ensure a clean USB detection, and the system processor must set the PACK bit (D4) in the PON register or the
POWERACK pin within 128 ms (maximum) of the start of the power-up sequencer. If the battery is below the
low-battery-alarm threshold, the system remains powered down until the USBPWR charges the battery up to the
low-battery-alarm threshold, at which point the power-up sequencer is started.
The four LSB bits of the PON register indicate which PON source moves the LP3910 device out of standby and
into active mode:
•
Battery insert
•
ONOFF push button
•
CHG_IN detect (connection of power adapter)
•
USB power (plug-in of powered USB cable)
These bits are cleared upon powering off.
Figure 63. Power-Up Sequence
42
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com