Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 65 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 61Page - Texas Instruments LP3910 Datasheet HTML 62Page - Texas Instruments LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments LP3910 Datasheet HTML 66Page - Texas Instruments LP3910 Datasheet HTML 67Page - Texas Instruments LP3910 Datasheet HTML 68Page - Texas Instruments LP3910 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
VPP-RMS =
VPP-C
2 + V
PP-ESR
2
VPP-C =
IRIPPLE
*
*
4
f
C
IRMS = IOUTMAX
+
1 -
VIN
12
r
2
VIN
VOUT
VOUT
L * f * IOUTMAX * VIN
where
r =
(VIN ± VOUT) * VOUT)
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
9.2.2.2.2
Buck1, Buck2 and Buck-Boost Capacitor Selection
9.2.2.2.2.1
Input Capacitor Selection for Buck1, Buck2 and Buck-Boost
A ceramic input capacitor of 10
μF, 6.3 V is sufficient for the magnetic DC-DC converters. Place the input
capacitor as close as possible to the input of the device. A large value may be used for improved input voltage
filtering. The recommended capacitor types are X7R or X5R. Y5V-type capacitors must not be used. DC bias
characteristics of ceramic capacitors must be considered when selecting case sizes like 0805 and 0603. The
input filter capacitor supplies current to the PFET switch of the DC-DC converter in the first half of each cycle
and reduces voltage ripple imposed on the input power source. Low ESR in a ceramic capacitor provides the
best noise filtering of the input voltage spikes due to fast current transients. A capacitor with sufficient ripple
current rating must be selected. The Input current ripple can be calculated as:
(6)
The worse case is when VIN = 2 × VOUT.
9.2.2.2.2.2
Output Capacitor Selection for Buck1, Buck2 and Buck-Boost
A 10-
μF, 6.3-V ceramic capacitor must be used on the output of the Buck1 and Buck2 magnetic DC-DC
converters. The buck-boost needs a 22-
μF capacitor. The output capacitor must be mounted as close as
possible to the output of the device. A large value may be used for improved input voltage filtering. The
recommended capacitor types are X7R or X5R. Y5V-type capacitors should not be used. DC bias characteristics
of ceramic capacitors must be considered when selecting case sizes like 0805 and 0603. DC bias characteristics
vary from manufacturer to manufacturer and DC bias curves should be requested from them and analyzed as
part of the capacitor selection process.
The output filter capacitor of the magnetic DC-DC converter smooths out current flow from the inductor to the
load, helps maintain a steady output voltage during transient load changes and reduces output voltage ripple.
These capacitors must be selected with sufficient capacitance and sufficiently low ESD to perform these
functions.
The output voltage ripple is caused by the charging and the discharging of the output capacitor and also due to
its ESR and can be calculated using Equation 7:
(7)
Voltage peak-to-peak ripple due to ESR can be expressed by Equation 8:
VPP-ESR = 2 × IRIPPLE × RESR
(8)
Because the VPP-C and VPP-ESR are out of phase, the RMS value can be used to get an approximate value of the
peak-to-peak ripple:
(9)
The output voltage ripple is dependent on the inductor current ripple and the ESR of the output capacitor (RESR).
The RESR is frequency dependent as well as temperature dependent. The RESR must be calculated with the
applicable switching frequency and ambient temperature.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
65
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com