Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 31Page - Texas Instruments LP3910 Datasheet HTML 32Page - Texas Instruments LP3910 Datasheet HTML 33Page - Texas Instruments LP3910 Datasheet HTML 34Page - Texas Instruments LP3910 Datasheet HTML 35Page - Texas Instruments LP3910 Datasheet HTML 36Page - Texas Instruments LP3910 Datasheet HTML 37Page - Texas Instruments LP3910 Datasheet HTML 38Page - Texas Instruments LP3910 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
+
-
+
-
Control
Logic
1
3
2
Integrator
Comparator
8 Bit ADC
Dready
Overflow
Data
Enable
START
1&2
or
1&3
VO
Vsignal
Vbias
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
8.3.4.7 Safety Timer
In order to prevent endless charging, which could degrade the battery quality and life time, the LP3910 contains
a safety timer that limits charging regardless whether the battery has reached its full capacity or not. In
prequalification the safety timer is 1 hour. In full rate or constant voltage charging the safety timer is a maximum
of 10 hours minus the time in prequalification.
When the timer times out of uninterrupted charging, an IRQ is generated to alert system processor. The status of
the timer can also be polled by reading the IRQ register if the system doesn’t support hardware interrupts.
The safety timer resets and starts counting from zero upon the following events:
1. Power ON (through connecting valid power to either USBPWR or CHGN_IN pins).
2. Interchanging USBPWR and CHG_IN sources.
3. The voltage of a charged battery drops below the restart value, and the charger is enabled.
4. Disabling and re-enabling of the charger by toggling bit D1 of the Charge Control Register.
5. Emerging from thermal shutdown.
6. Emerging from a battery temperature out-of-range, and the charger is enabled.
7. Emerging from USB suspend mode when charging with USB power.
8.3.4.8 Charging Maintenance
When a fully charged battery is being loaded by the system while the external power is present and while bit D1
in the charge control register is set to a 1 (charge enable) then the charging restarts when the battery voltage
drops below the charging restart threshold. The value of the threshold depends on the termination voltage
according to the following table:
Table 6. Charging Thresholds
VTERM
CHARGING RESTART VOLTAGE
4.1 V
3.9 V
4.2 V
4 V
4.38 V
4.2 V
8.3.5 ADC
The LP3910 is equipped with an 8-bit dual-slope integrating an ADC. Dual-slope converters provide effective
filtering of > 500-kHz and < 125-kHz noise components on the input voltage, and does not require a sample and
hold stage. The ADC core digitizes the input voltage ranging from VREF to 2VREF, where VREF is the voltage
measured on the VREFH pin. After an initial 2-ms warm-up for the first activation of the ADC enable bit, the dual-
slope converter integrates the input signal during the first phase for approximately 2 ms, followed by a second
phase that integrates VREF for 0 ms to 2 ms depending on the level of the input signal. As a result the total
conversion time varies from 2 ms to 4 ms.
Figure 57. Simplified ADC Block Diagram
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com