Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 11Page - Texas Instruments LP3910 Datasheet HTML 12Page - Texas Instruments LP3910 Datasheet HTML 13Page - Texas Instruments LP3910 Datasheet HTML 14Page - Texas Instruments LP3910 Datasheet HTML 15Page - Texas Instruments LP3910 Datasheet HTML 16Page - Texas Instruments LP3910 Datasheet HTML 17Page - Texas Instruments LP3910 Datasheet HTML 18Page - Texas Instruments LP3910 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
7.20 USB Timing Requirements
Nominal limits apply for TJ = 25°C; minimum and maximum limits apply for TJ = 0°C to 125°C, unless otherwise specified.
MIN
NOM
MAX
UNIT
TCHG_IN
Deglitch adapter insertion
28
32
36
ms
TUSB
Deglitch USB power insertion
28
32
36
ms
TPQ_FULL
Deglitch time for pre-qualification to full-rate charge transition
8
10
12
ms
TFULL_PQ
Deglitch time for full-rate to pre-qualification transition
8
10
12
ms
TBATTLOWF
Deglitch time for VBATT falling below VBATTLOW threshold
4
5
6
ms
TBATTLOWR
Deglitch time for VBATT rising above VBATTLOW threshold
4
5
6
ms
TBATTEMP
Deglitch time for recovery from battery temperature fault
8
10
12
ms
TONOFF_F
Deglitching on falling edge of ONOFF pin
28
32
36
ms
TONOFF_R
Deglitching on rising edge of ONOFF pin
28
32
36
ms
TRESTART
Deglitching on falling VBATT crossing VRESTART
8
10
12
ms
TCCCV
Deglitching of CC
→CV charging transition
8
10
12
ms
TCVEOC
Deglitching of CV
→EOC (End of Charge)
8
10
12
ms
TPOWERACK
Deglitching of POWERACK pin
4
5
6
ms
TTSHD
Deglitching of thermal shutdown
2
ms
TTOPOFF
Topoff timer
17
21
25
min
T10HR
10-hour safety timer
9
10
11
hours
T1HR
1-hour prequalification safety timer
0.9
1
1.1
hour
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com