Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments LP3910 Datasheet HTML 10Page - Texas Instruments LP3910 Datasheet HTML 11Page - Texas Instruments LP3910 Datasheet HTML 12Page - Texas Instruments LP3910 Datasheet HTML 13Page - Texas Instruments LP3910 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
7.8 Detection and Timing
Typical limits apply for TJ = 25°C; minimum and maximum limits apply for TJ = 0°C to 125°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IPROG = 500 mA
40
50
60
mA
10% EOC setting
IEOC
End-of-charge current
IPROG = 500 mA
20
25
30
mA
5% EOC setting
VTERM = 4.1 V
3.82
3.9
3.94
Battery restart charging
VRESTART
VTERM = 4.2 V
3.94
4
4.06
V
voltage
VTERM = 4.38 V
4.14
4.2
4.26
7.9 Output Electrical Characteristics: CHG, STAT
Unless otherwise noted, VDD = 5 V, VBATT = 3.6 V. CBATT = 4.7 µF, CCHG_DET = 10 µF. Typical limits apply for TJ = 25°C;
minimum and maximum limits apply for TJ = 0°C to 125°C, unless otherwise specified.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VLED = 2 V
CHSPV Register (02)h bit 5 = 1
4
5
6
(standard)
ILED
Output high level
mA
VLED = 2 V
CHSPV Register (02)h bit 5 = 1 (AP
0.75
1
1.25
version only)
VLED = 2 V
CHSPV Register (02)h bit 5 = 0
8
10
12
(standard)
ILED
Output high level
mA
VLED = 2 V
CHSPV Register (02)h bit 5 = 0 (AP
1.6
2
2.4
version only)
ILEAKAGE
Leakage current
VLED = 1.5 V, LED off
0.1
5
µA
LEDFREQ
Blinking frequency
0.8
1
1.2
Hz
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Minimum and maximum limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
7.10 Output Electrical Characteristics: NRST, IRQB, ONSTAT
Unless otherwise noted, VDD = 5 V, VBATT = 3.6 V, CBATT = 4.7 µF, CCHG_DET = 10 µF. Minimum and maximum limits apply over
the entire junction temperature range for operation, TJ = 0°C to 125°C.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL
Output low level
IOL = 4 mA
0.4
V
ILEAKAGE
Leakage current
VDD = 2.5 V, output logic high
–1
1
µA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Minimum and maximum limits are specified by design, test, or statistical analysis.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com