Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 12Page - Texas Instruments LP3910 Datasheet HTML 13Page - Texas Instruments LP3910 Datasheet HTML 14Page - Texas Instruments LP3910 Datasheet HTML 15Page - Texas Instruments LP3910 Datasheet HTML 16Page - Texas Instruments LP3910 Datasheet HTML 17Page - Texas Instruments LP3910 Datasheet HTML 18Page - Texas Instruments LP3910 Datasheet HTML 19Page - Texas Instruments LP3910 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
VBATT(V)
55.0
53.0
51.0
49.0
47.0
45.0
1.0
1.5
2.0
2.5
3.0
125°C
25°C
0°C
USBPWR (V)
56.0
54.0
52.0
50.0
48.0
4.0
4.5
5.0
5.5
6.0
125°C
25°C
0°C
CHG_DET PIN VOLTAGE (V)
-7.50
-7.70
-7.90
-8.10
-8.30
-8.50
4.0
4.5
5.0
5.5
6.0
-20°C
25°C
125°C
VBATT (V)
540
520
500
480
460
440
2.75
3.00
3.25
3.50
3.75
4.00
4.25
125°C
25°C
0°C
JUNCTION TEMPERATURE (°C)
-50
0
50
100
150
4.25
4.24
4.22
4.21
4.19
4.18
4.15
4.23
4.17
4.20
4.16
TEMPERATURE (°C)
-7.50
-7.70
-7.90
-8.10
-8.30
-8.50
-20
10
40
70
100
130
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
7.21 Typical Characteristics
TA = 25°C unless otherwise noted
7.21.1 Battery-Charger Characteristics
Figure 2. TS Pin Current vs Temperature
Figure 1. VTERM 4.2 V vs Temperature
CHG_DET = 5 V
CC
Figure 3. TS Pin Current vs CHG_DET
Figure 4. CHG vs VBATT
Prequal IPROG = 500 mA
CHG_DET = 5 V
VBATT = 2.5 V Prequal
Figure 5. IU vs VBATT
Figure 6. ICHG vs USBPWR
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com