Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 56 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 52Page - Texas Instruments LP3910 Datasheet HTML 53Page - Texas Instruments LP3910 Datasheet HTML 54Page - Texas Instruments LP3910 Datasheet HTML 55Page - Texas Instruments LP3910 Datasheet HTML 56Page - Texas Instruments LP3910 Datasheet HTML 57Page - Texas Instruments LP3910 Datasheet HTML 58Page - Texas Instruments LP3910 Datasheet HTML 59Page - Texas Instruments LP3910 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
8.6.10 IRQ Register (0d)H Interrupt Request Register
D7–0
Access
Read only
Data
1: Interrupt IRQn (n=0…7) requested
0: No interrupt requested
Reset
8’h00
8.6.11 LDO1 Control Register (08)H
D7–6
D5
D4–0
Access
Read Only 0
R/W
Data
Reserved
Operation
LDO1 Output Voltage (V)
0: disable
5’h00
1.2
1: enable
5’h01
1.3
5’h02
1.4
5’h03
1.5
5’h04
1.6
5’h05
1.7
5’h06
1.8
5’h07
1.9
5’h08
2.0
5’h09
2.1
5’h0A
2.2
5’h0B
2.3
5’h0C
2.4
5’h0D
2.5
5’h0E
2.6
5’h0F
2.7
5’h10
2.8
5’h11
2.9
5’h12
3.0
5’h13
3.1
5’h14
3.2
5’h15 –5’h1F
3.3
Reset
n/a
1
Factory-Programmed Default
8.6.12 LDO2 Control Register
LDO2 can be configured through its own I2C control register. The output voltage is programmable in steps of 100
mV from 1.3 V to 3.3 V. LDO2 is by default disabled and can be enabled by setting bit D5 in the control register
after selecting the appropriate D4–0 settings, which determine the output voltage. LDO2 can also be enabled
through the external LDO2EN pin, which is the default enable control. With a logic 0 programmed to bit D5 in the
corresponding control register, enable/disable control is passed onto the LDO2EN pin; a logic 1 applied to this
pin enables LDO2 while a logic 0 disables the LDO2. Setting D5 to 1 in the LDO2 control register enables LDO2,
regardless of the state of the LDO2EN pin. If the system designer permanently connects the LDO2EN pin to
GND, then D5 is simply a enable/disable control bit. If the system design permanently connects the LDO2EN pin
to VDD, the LDO is enabled during the power-on sequence and is always on, regardless of the state of bit D5 in
the LDO2 control register. In that particular case, the LDO2 is sequenced with the same timing as LDO1 (see
Power-On, Power-Off Sequencing).
The output voltage can be altered while LDO2 is enabled. When LDO2 is disabled, it shunts the output to AGND
with a RSHUNT = 200 Ω (maximum).
56
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com