Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 58Page - Texas Instruments LP3910 Datasheet HTML 59Page - Texas Instruments LP3910 Datasheet HTML 60Page - Texas Instruments LP3910 Datasheet HTML 61Page - Texas Instruments LP3910 Datasheet HTML 62Page - Texas Instruments LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments LP3910 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
SAT
RIPPLE
AVE
IN
OUT
RIPPLE
IN
OUT
AVE
OUTMAX
IN
I
I
I
V
1
V
where
I
V
2L
V
I
I
¦
V
!
§
·
¨
¸
©
¹
!
SAT
OUTMAX
RIPPLE
IN
OUT
OUT
RIPPLE
IN
I
I
I
V
V
V
1
where
I
2L
¦
V
!
§
·
§
·
¨
¸
¨
¸
©
¹ ©
¹
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
Typical Application (continued)
9.2.1 Design Requirements
For typical PMU applications, use the parameters listed in Table 15.
Table 15. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.7 V
Maximum input voltage
5.5 V
LDO1 output voltage
2.5 V
LDO2 output voltage
3 V
Buck1 output voltage
1.6 V
Buck2 output voltage
1.8 V
Buck-Boost output voltage
3.3 V
Charge current
100 mA
9.2.2 Detailed Design Procedure
9.2.2.1 Inductors for Buck1, Buck2 and Buck-Boost
There are two main considerations when choosing an inductor; the inductor must not saturate and the inductor
current ripple is small enough to achieve the desired output voltage ripple. Care must be taken when reviewing
the different saturation current ratings that are specified by different manufacturers.
Saturation current ratings are typically specified at 25°C, so ratings at maximum ambient temperature of the
application must be requested from the manufacturer.
There are two methods to choose the inductor saturation current rating:
9.2.2.1.1
Method 1
The saturation current is greater than the sum of the maximum load current and the worst-case average-to-peak
inductor current. This can be written as Equation 4:
(4)
Considered when using the Buck-Boost in boost mode, use Equation 5:
where
•
IRIPPLE: Average-to-peak inductor current
•
IOUTMAX: Maximum load current
•
VIN: Maximum input voltage in application
•
L: Minimum inductor value including worst case tolerances (30% drop can be considered for Method 1)
•
ƒ: Minimum switching frequency
•
VOUT: Output voltage
(5)
62
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com