Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 58 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 54Page - Texas Instruments LP3910 Datasheet HTML 55Page - Texas Instruments LP3910 Datasheet HTML 56Page - Texas Instruments LP3910 Datasheet HTML 57Page - Texas Instruments LP3910 Datasheet HTML 58Page - Texas Instruments LP3910 Datasheet HTML 59Page - Texas Instruments LP3910 Datasheet HTML 60Page - Texas Instruments LP3910 Datasheet HTML 61Page - Texas Instruments LP3910 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
8.6.13 Buck1, Buck2 Control Registers and BUCK1EN Pin
Buck1 and Buck2 are configurable through I2C accessible registers. Bit fields D4–0 control the output voltage. Bit
D5 defines the Modulation mode of the buck, which by default automatically selects PWM or PFM mode
depending on the load as described above in the functional description. The modulation mode can be forced to
PWM mode regardless of the load by setting bit D5 to a logic 1 in the corresponding buck control register.
Bit D6 controls the enable/disable state of the buck, which is different for Buck1 and Buck2 as Buck1 has an
external enable pin: BUCK1EN.
For Buck1, by default or when D6 is programmed logic 0 in the Buck1 control register, enable/disable control is
passed onto the BUCK1EN pin. A logic 1 applied to this pin enables Buck1 while a logic 0 disables Buck1.
Setting D6 to 1 in the Buck1 control register enables BUCK1, regardless of the state of the BUCK1EN pin. If the
system designer permanently connects the BUCK1EN pin to GND, then D6 is simply a enable/disable control bit.
If the system design permanently connects the enable pin to VDD, then the Buck1 is enabled during the power-on
sequence and is always be on, regardless of the state of bit D6 in the Buck1 control register (see Power-On,
Power-Off Sequencing).
BUCK2 is by default enabled during the power-on sequence and can be enabled/disabled through bit D6 in the
Buck2 control register.
Table 12. Buck1 Control Register (05)H
D7
D6
D5
D4–0
Access
Read Only 0
R/W
Data
Reserved
Operation
Force PWM mode
BUCK1 Output Voltage (V)
0: enable/disable
0: Automatic Modulation
5’h00
Externally
determined by state of
Mode
controlled
BUCK1EN pin
1: Force PWM mode
5’h01
0.80
1: enable, override
BUCK1EN state
5’h02
0.85
5’h03
0.90
5’h04
0.95
5’h05
1.00
5’h06
1.05
5’h07
1.10
5’h08
1.15
5’h09
1.20
5’h0A
1.25
5’h0B
1.30
5’h0C
1.35
5’h0D
1.40
5’h0E
1.45
5’h0F
1.50
5’h10
1.55
5’h11
1.60
5’h12
1.65
5’h13
1.70
5’h14
1.75
5’h15
1.80
5’h16
1.85
5’h17
1.90
5’h18
1.95
5’h19–1F
2.00
Reset
n/a
0
0
Factory-Programmed Default
58
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com