Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 39Page - Texas Instruments LP3910 Datasheet HTML 40Page - Texas Instruments LP3910 Datasheet HTML 41Page - Texas Instruments LP3910 Datasheet HTML 42Page - Texas Instruments LP3910 Datasheet HTML 43Page - Texas Instruments LP3910 Datasheet HTML 44Page - Texas Instruments LP3910 Datasheet HTML 45Page - Texas Instruments LP3910 Datasheet HTML 46Page - Texas Instruments LP3910 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
8.3.16 USB Suspend Mode
The LP3910 USB current consumption can be disabled during suspend mode through a dedicated pin
(USBSUSP). Applying a logic 1 to this pin disables the USB current path, and current is reduced to input leakage
current less than 30 µA on the USBPWR pin.
8.3.17 Setting the USB Current Limit
The USB current that is available from the USB on the VBUS wire is limited by default to 100 mA. More current
(up to 800 mA) can be negotiated through a session request protocol between host and peripheral. The USB
current limit must be signaled to the LP3910 by means of the USBISEL pin or the ILIMIT register as indicated
below:
•
If the USB current limit is 100 mA then the USB controller of the peripheral system must set the USBISEL
logic 0 or by setting the ILIMIT register bits [D1, D0] to 2’b00.
•
If the USB current limit is 500 mA, the USB controller must apply logic 1 to the USBISEL pin or change the
ILIMIT register accordingly. Under this condition, the LP3910 allows charging with a charge current that is
determined by the charge control register, not exceeding 500 mA.
The LP3910 prevents (through internal circuitry) the charge current from exceeding the USB current limit, even if
the current setting in the Charge Control Register exceeds 500 mA.
The controller can also select a USB current limit of 800 mA through I2C that exceeds current USB spec values.
8.3.18 Control Registers
The LP3910 contains 14 user-programmable registers that configure the functionality of the individual modules
inside the device. Registers are programmed through an I2C interface and have default values that are invoked
during an internal reset. Some of the default values can be tailored to the specific needs of the system designer.
8.4 Device Functional Modes
The LP3910 can be in 3 different operating modes as shown in Figure 64:
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com