Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 50 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 46Page - Texas Instruments LP3910 Datasheet HTML 47Page - Texas Instruments LP3910 Datasheet HTML 48Page - Texas Instruments LP3910 Datasheet HTML 49Page - Texas Instruments LP3910 Datasheet HTML 50Page - Texas Instruments LP3910 Datasheet HTML 51Page - Texas Instruments LP3910 Datasheet HTML 52Page - Texas Instruments LP3910 Datasheet HTML 53Page - Texas Instruments LP3910 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
I2C_SDA
S
P
S TART condition
STO
Pcondition
I2C_SCL
I2C_SCL
I2C_SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
8.5 Programming
8.5.1 I2C-Compatible Serial Interface
8.5.1.1 I2C Signals
The LP3910 features an I2C-compatible serial interface, using two dedicated pins: I2C_SCL and I2C_SDA for I2C
clock and data, respectively. Both signals need a pullup resistor according to the I2C specification. The LP3910
interface is an I2C slave that is clocked by the incoming SCL clock.
Signal timing specifications are according to the I2C bus specification. The maximum bit rate is 400 kbit/s. See
I2C specification from NXP for further details.
8.5.1.2 I2C Data Validity
The data on I2C_SDA line must be stable during the HIGH period of the clock signal (I2C_SCL); that is, the state
of the data line can only be changed when CLK is LOW.
Figure 69. I2C Data Valid Diagram
8.5.1.3 I2C Start and Stop Conditions
START and STOP bits classify the beginning and the end of the I2C session. The START condition is defined the
as the I2C_SDA signal transitioning from HIGH to LOW while SCL line is HIGH. The STOP condition is defined
as the SDA transitioning from LOW to HIGH while I2C_SCL is HIGH. The I2C master always generates START
and STOP bits. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
Figure 70. Start and Stop Conditions
8.5.1.4 Transferring Data
Every byte put on the I2C_SDA line must be eight bits long, with the most significant bit (MSB) being transferred
first. Each byte of data has to be followed by an acknowledge bit. The acknowledged related clock pulse is
generated by the master. The transmitter releases the I2C_SDA line (HIGH) during the acknowledge clock pulse.
The receiver must pull down the I2C_SDA line during the 9th clock pulse, signifying acknowledgement. A receiver
which has been addressed must generate an acknowledgement (ACK) after each byte has been received.
8.5.1.5 Register Write Cycle
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). For the eighth bit, a 0 indicates a WRITE, and a 1 indicates a
READ. The second byte selects the register to which the data is written. The third byte contains data that is
written to the selected register.
LP3910 has a chip address of 60’h, which is set by a metal mask option.
50
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com