Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 66 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 62Page - Texas Instruments LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments LP3910 Datasheet HTML 65Page - Texas Instruments LP3910 Datasheet HTML 66Page - Texas Instruments LP3910 Datasheet HTML 67Page - Texas Instruments LP3910 Datasheet HTML 68Page - Texas Instruments LP3910 Datasheet HTML 69Page - Texas Instruments LP3910 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
Table 16. Recommended Capacitors
CAPACITOR
MINIMUM VALUE (µF)
DESCRIPTION
RECOMMENDED TYPE
CVDD
4.7
Charger input capacitor
Ceramic, 6.3 V, X5R
CCHG_DET
4.7
Charger input capacitor
Ceramic, 6.3 V, X5R
CUSB
4.7
USB power (VBUS) capacitor
Ceramic, 6.3 V, X5R
CBATT
4.7
Li-ion battery capacitor
Ceramic, 6.3 V, X5R
CLDO1
1
LDO output capacitor
Ceramic, 6.3 V, X5R
CLDO2
1
LDO output capacitor
Ceramic, 6.3 V, X5R
Bypass capacitor for internal voltage
Ceramic, PolyPropylene and Polycarbonate
CVREFH
0.1
reference
Film
CVIN2,3
10
Buck1, Buck2 input capacitor
Ceramic, 6.3 V, X5R
CVBUCK1,2
10
BUCK1,2 output capacitor
Ceramic, 6.3 V, X5R
CBB
22
Buck-Boost output capacitor
Ceramic, 6.3 V, X5R
CVIN1
1
LDO bypass capacitor
Ceramic, 6.3 V, X5R
CVIN4
10
Buck and Buck-Boost bypass capacitor
Ceramic, 6.3 V, X5R
9.2.2.3 Schottky Diode on Charger Input CHG_IN
A Schottky diode is required in the external adapter path to block the reverse current from either the USB or the
battery source. The most critical parameter in the selection of the right Schottky diode is the leakage current,
which must be below 10 µA over the temperature range in order to prevent false detection of the presence of an
external adapter. In addition the Schottky diode must have a maximum voltage rating of 10 V or higher. The
current rating depends on the current limit of the adapter. The forward voltage must be limited to 500 mV at its
maximum current. The recommended Schottky diode is MBRA210ET3 from ON Semiconductor, which has a
reverse leakage current under 1 µA at room temperature and a forward voltage drop of 500 mV at the maximum
rated current (IF = 2 A).
9.2.2.4 Resistors
9.2.2.4.1
Battery Thermistor
The LP3910 battery thermistor bias provided by the TS pin is tailored to thermistors with the following
specification:
•
Negative temperature coefficient
•
100-k
Ω resistance
A suitable solution is available from AVX thermistors:
AVXNB21250104 http://www.avxcorp.com/docs/Catalogs/nb21-23.pdf
9.2.2.4.2
I
2C Pullup Resistors
I2C_SDA and I2C_SCL pins must have pullup resistors connected to the VDDIO pin. VDDIO must be connected
to a power supply that is less than or equal to VDD, such as BUCK2. The values of the pullup resistors (typical
approximately 1.8 k
Ω) are determined by the capacitance of the bus. A resistor that is too large, combined with a
given bus capacitance, results in a rise time that would violate the maximum rise time specification. A resistor
that is too small results in a contention with the pulldown transistor on either slave(s) or master.
9.2.2.4.3
RIREF Resistor
The current through this resistor is used as a reference current that biases many analog circuits inside the
LP3910 and must have a resistance of 121 k
Ω ±1%.
9.2.2.4.4
RISENSE Resistor
The current through this resistor is used as a reference current for the charge current. The accuracy of the ADC
is dependent on the tolerance of this resistor. RISENSE must have a resistance of 4.64 kΩ ±1% tolerance.
66
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com