Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 23Page - Texas Instruments LP3910 Datasheet HTML 24Page - Texas Instruments LP3910 Datasheet HTML 25Page - Texas Instruments LP3910 Datasheet HTML 26Page - Texas Instruments LP3910 Datasheet HTML 27Page - Texas Instruments LP3910 Datasheet HTML 28Page - Texas Instruments LP3910 Datasheet HTML 29Page - Texas Instruments LP3910 Datasheet HTML 30Page - Texas Instruments LP3910 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
VBUCK
VFB
Lsw
Csw
Cff
R1
R2
Load
BCKGND
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
8.3 Feature Description
8.3.1 Buck1, Buck2: Synchronous Step-Down Magnetic DC-DC Converters
The LP3910 incorporates two high-efficiency synchronous switching buck regulators, Buck1 and Buck2, that
deliver a constant voltage from a wall adapter or a single Li-ion battery to the portable system processors,
memory and I/O. Using a voltage mode architecture with synchronous rectification, both bucks have the ability to
deliver up to 600 mA depending on the input voltage and output voltage (voltage headroom), and the inductor
chosen (maximum current capability).
There are three modes of operation depending on the current required: PWM, PFM, and shutdown. PWM mode
handles current loads of approximately 70 mA or higher, delivering voltage precision of ±3% with 90% efficiency
or better. Lighter output current loads cause the device to automatically switch into PFM for reduced current
consumption (IQ = 15 µA typical) and a longer battery life. The Standby operating mode turns off the device,
offering the lowest current consumption. PWM or PFM mode is selected automatically or PWM mode can be
forced through the setting of the buck control register.
Both Buck1 and Buck2 can operate up to a 100% duty cycle (PMOS switch always on). Additional features
include soft-start, undervoltage lockout, current overload protection, and thermal overload protection.
8.3.1.1 Buck1, Buck2 Operation
Buck1 is recommended to be used as the processor core supply and has I2C selectable output voltages ranging
from 0.8 V to 2 V (typical). Buck2 is recommended for I/O power, Memory power and logic power. Its voltage
range can be programmed using the I2C interface from 1.8 V to 3.3 V (typical). The default output voltage for
each buck converter is factory programmable (see Application and Implementation).
The system designer can also determine the output voltage of either Buck1 or Buck2 through an external
feedback resistor ladder by clearing the output voltage selection field in the Buck1 or Buck2 control registers.
Figure 49. External Control Of Buck Output Voltage Through Feedback Resistor Ladder
8.3.1.2 Circuit Operation Description
A buck converter contains a control block, a switching PFET connected between input and output, a synchronous
rectifying NFET connected between the output and ground (BCKGND pin) and a feedback path. During the first
portion of each switching cycle, the control block turns on the internal PFET switch. This allows current to flow
from the input through the inductor to the output filter capacitor and load. The inductor limits the current to a
ramp with a slope of VIN – VOUT / L.
by storing energy in a magnetic field. During the second portion of each cycle, the control block turns the PFET
switch off, blocking current flow from the input, and then turns the NFET synchronous rectifier on. The inductor
draws current from ground through the NFET to the output filter capacitor and load, which ramps the inductor
current down with a slope of –VOUT / L.
The output filter stores charge when the inductor current is high, and releases it when low, smoothing the voltage
across the load.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com