Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 44Page - Texas Instruments LP3910 Datasheet HTML 45Page - Texas Instruments LP3910 Datasheet HTML 46Page - Texas Instruments LP3910 Datasheet HTML 47Page - Texas Instruments LP3910 Datasheet HTML 48Page - Texas Instruments LP3910 Datasheet HTML 49Page - Texas Instruments LP3910 Datasheet HTML 50Page - Texas Instruments LP3910 Datasheet HTML 51Page - Texas Instruments LP3910 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
ONSTAT
NRST
ONOFF
T5
POWERACK
VREFH
t0
Power Down Caused by External Event
64 ms
5 ms
5 ms
T4
T3
T2
T1
t5
t4 t3
t2
t1
32 ms
32 ms
deglitch
deglitch
(Bit D4 in PON register and
POWERBACK pin)
BUCK/BOOST
VBUCK2
VBUCK1
VLDO1, VLDO2
(To Microprocessor)
(From Microprocessor)
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
Figure 67. Power-Down Event Caused by External Event
8.4.2.5.2
Transition From Active to Standby Mode Due to Expiring POWERACK Deadline
With no external charger present when the system processor fails to acknowledge the power-on in time by
setting either the PACK bit (D4) in the PON register or the POWERACK pin before the 128-ms deadline following
the start of the power-up sequencer, then the NRST is immediately de-asserted and after 2 ms all power sources
are disabled before transitioning to Standby Mode. This 2-ms delay allows the microprocessor to receive a clean
reset before the power is de-asserted. A new power-on event is then required to transition back to active mode.
With either external charger present when the system processor fails to acknowledge the power-on in time by
setting either the PACK bit (D4) in the PON register or the POWERACK pin before the 128-ms deadline following
the start of the power-up sequencer, the NRST is immediately de-asserted; after 2 ms all power sources are
disabled before transitioning to charger standby mode.
48
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com