Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 5Page - Texas Instruments LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments LP3910 Datasheet HTML 10Page - Texas Instruments LP3910 Datasheet HTML 11Page - Texas Instruments LP3910 Datasheet HTML 12Page - Texas Instruments LP3910 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
7.7 Electrical Characteristics: Li-Ion Battery Charger
Unless otherwise noted, VDD = 5 V, VBATT = 3.6 V, CBATT = 4.7 µF, CCHG_DET = 10 µF, RIREF = 121 kΩ. Typical limits apply for
TJ = 25°C; minimum and maximum limits apply for TJ = 0°C to 125°C, unless otherwise specified.
(1) (2) (3) (4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum external USB
TJ = 25°C
VUSB
4.15
4.25
4.35
V
supply voltage
USB current limit = 500 mA
USBPWR detect
VUSB_HYST
110
mV
hysteresis
TJ = 25°C
Minimum external adapter
CHG_DET
Adapter current limit = 1 A
4.4
4.5
4.6
V
supply voltage range
VFWD Schottky = 350 mV
CHG_DET input
VCHG_HYST
150
mV
hysteresis
USB suspend mode, VUSB = 5 V
Quiescent current in USB
IUSB_SUSP
USBSUSP = USBPWR
30
60
µA
suspend mode
USBISEL = 0 V
–0.35%
4.2
0.35%
TJ = 25°C
Battery charge termination
−0.5%
4.1
0.5%
V
IPROG = 500 mA, ICHG = 50 mA
voltage tolerance
−0.5%
4.38
0.5%
VTERM_TOL
(selected in CHCTL
–1%
4.2
1%
Register (01)H Charger
TJ = 0°C to 125°C
–1.5%
4.1
1.5%
V
Control Register)
IPROG = 500 mA, ICHG = 50 mA
–1.5%
4.38
1.5%
Full-rate charging current
from wall adapter input
CHG_DET = 5.25 V
ICHG_WA
450
500
550
mA
(see Full-Rate Charging
VBATT = 3.6 V, IPROG = 500 mA
Mode)
USB = 5 V, VBATT = 3.6 V
450
500
550
mA
Full-rate charging current
IPROG = 500 mA, USB_ISEL = 800 mA
ICHG_USB
from usbpwr input (see
USB = 5 V, VBATT = 3.6 V
Full-Rate Charging Mode)
405
450
495
mA
IPROG = 500 mA, USB_ISEL = 500 mA
USB_ISEL = 100 mA
90
95
100
USB ILIMIT
USB charge-current limit
USB_ISEL = 500 mA
450
475
500
mA
USB_ISEL = 800 mA
720
760
800
VBATT = 2.5 V, wall-adapter charge
current
8%
10%
12%
Percentage of programmed full-rate
IPREQUAL
Pre-qualification current
current
VBATT = 2.5 V, USB charge current
40
50
60
mA
VBATT rising, transition from pre-
qualification to full-rate charging
2.75
2.85
2.95
(standard)
Full-rate qualification
VFULL_RATE
V
threshold
VBATT rising, transition from pre-
qualification to full-rate charging (AP
2.45
2.55
2.65
version only)
VTH_H
Upper TS comparator limit
2.82
2.87
2.93
V
45°C CHSPV Reg D3 = 0
0.315
0.33
0.345
VTH_L
Lower TS comparator limit
V
50°C CHSPV Reg D3 = 1
0.255
0.27
0.285
Battery temperature sense
ITSENSE
7.75
8
8.25
µA
current
Regulated charger
TREG
TJ = 25°C
105
115
125
°C
junction temperature
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
(3)
Minimum and maximum limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the
most likely norm.
(4)
Low ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com