Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 5 Page - Texas Instruments

  LP3910 Datasheet HTML 1Page - Texas Instruments LP3910 Datasheet HTML 2Page - Texas Instruments LP3910 Datasheet HTML 3Page - Texas Instruments LP3910 Datasheet HTML 4Page - Texas Instruments LP3910 Datasheet HTML 5Page - Texas Instruments LP3910 Datasheet HTML 6Page - Texas Instruments LP3910 Datasheet HTML 7Page - Texas Instruments LP3910 Datasheet HTML 8Page - Texas Instruments LP3910 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
LP3910
www.ti.com
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
6 Pin Configuration and Functions
NJV Package
48-Pin WQFN
Top View
Pin Functions
PIN
I/O
TYPE(1)
DESCRIPTION
NO.
NAME
Battery temperature sense pin. This pin is normally connected to the thermistor pin of
1
TS
I
A
the battery cell.
2
VBATT1
O
A
Positive battery terminal. This pin must be externally shorted to VBATT2 and VBATT3
3
AGND
—
G
Analog ground
4
VREFH
O
A
Connection to bypass capacitor for internal high reference
5
LDO2EN
I
D
Digital input to enable/disable LDO2
6
VLDO2
O
A
LDO2 output
7
VIN1
I
PWR
Power input to LDO1 and LDO2. VIN1 pin must be externally shorted to the VDD pins.
8
VLDO1
O
A
LDO1 output
9
POWERACK
I
D
Digital power acknowledgement input (see Power-On, Power-Off Sequencing)
A 4.64-k
Ω resistor must be connected between this pin and GND. A fraction of the
10
ISENSE
I
A
charge current flows through this resistor to enable the ADC to measure the charge
current.
11
ADC2
I
A
Channel 2 input to ADC
12
ADC1
I
A
Channel 1 input to ADC
Open
13
IRQB
O
Open drain active low interrupt request
Drain
Open
14
NRST
O
Open drain active low reset during standby
Drain
This output indicates that a valid charger supply source (USB adapter) has been
15
CHG
O
D
detected, and the device is charging. (Red LED)
Battery Status output indicator - off during constant current (CC), 50% duty cycle during
16
STAT
O
D
constant voltage (CV), 100% duty cycle with a fully charged Li-ion battery (Green LED)
17
BUCK1EN
I
D
Digital input to enable/disable BUCK1
18
VFB1
I
A
Buck1 Feedback input terminal
19
BCKGND1
—
G
Buck1 Ground
20
VBUCK1
O
A
Buck1 Output
(1)
A: Analog; D: Digital: G: Ground; PWR: Power
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com