Electronic Components Datasheet Search
  English  ▼

X  

LP3910 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # LP3910
Description  Power Management IC for Hard-Drive-Based Portable Media Players
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3910 Datasheet(HTML) 60 Page - Texas Instruments

Back Button LP3910 Datasheet HTML 56Page - Texas Instruments LP3910 Datasheet HTML 57Page - Texas Instruments LP3910 Datasheet HTML 58Page - Texas Instruments LP3910 Datasheet HTML 59Page - Texas Instruments LP3910 Datasheet HTML 60Page - Texas Instruments LP3910 Datasheet HTML 61Page - Texas Instruments LP3910 Datasheet HTML 62Page - Texas Instruments LP3910 Datasheet HTML 63Page - Texas Instruments LP3910 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
LP3910
SNVS481M – NOVEMBER 2006 – REVISED DECEMBER 2015
www.ti.com
8.6.14 Buck-Boost Control Register
The buck-boost is controlled through its dedicated control register. The buck-boost is enabled through the power-
on sequencing. The system processor is required to select the desired buck-boost output voltage through bits
D4–0 before enabling it by setting bit D6 in the control register. The buck-boost is also disabled when b’00000 is
programmed in the register field D4–0, regardless of the state of the bit D6. When the buck-boost is disabled, its
output is internally tied low through a 1-M
Ω resistor. If D4–0 is set to b’00000 the 1 MΩ resistor is disconnected.
The default output voltage for the buck-boost is factory programmable.
Table 14. Buck–Boost Control Register (07)H
D7
D6
D5
D4–0
Access
Read Only 0
R/W
Data
Reserved
Force PWM
Operation
Buck–Boost Output Voltage (V)
0: Automatic
0: disable
5’h00
disabled
modulation mode
1: enable
5’h01
1.80
1: Force PWM
modulation
5’h02
1.85
5’h03
1.90
5’h04
1.95
5’h05
2.00
5’h06
2.05
5’h07
2.10
5’h08
2.15
5’h09
2.20
5’h0A
2.25
5’h0B
2.30
5’h0C
2.35
5’h0D
2.40
5’h0E
2.45
5’h0F
2.50
5’h10
2.55
5’h11
2.60
5’h12
2.65
5’h13
2.70
5’h14
2.75
5’h15
2.80
5’h16
2.85
5’h17
2.90
5’h18
2.95
5’h19
3.00
5’h1A
3.05
5’h1B
3.10
5’h1C
3.15
5’h1D
3.20
5’h1E
3.25
5’h1F
3.30
Reset
n/a
0
1
Factory-Programmed Default
60
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP3910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com