Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 24Page - Advanced Micro Devices ELANSC520 Datasheet HTML 25Page - Advanced Micro Devices ELANSC520 Datasheet HTML 26Page - Advanced Micro Devices ELANSC520 Datasheet HTML 27Page - Advanced Micro Devices ELANSC520 Datasheet HTML 28Page - Advanced Micro Devices ELANSC520 Datasheet HTML 29Page - Advanced Micro Devices ELANSC520 Datasheet HTML 30Page - Advanced Micro Devices ELANSC520 Datasheet HTML 31Page - Advanced Micro Devices ELANSC520 Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 440 page
background image
Configuration Register Overview
1-8
Élan™SC520 Microcontroller Register Set Manual
Master Programmable Interrupt Controller
0020, 0021h
Master PIC Interrupt Request
MPICIR
0020h
page 12-24
Master PIC In-Service
MPICISR
0020h
page 12-25
Master PIC Initialization Control Word 1
MPICICW1
0020h
page 12-26
Master PIC Operation Control Word 2
MPICOCW2
0020h
page 12-28
Master PIC Operation Control Word 3
MPICOCW3
0020h
page 12-30
Master PIC Initialization Control Word 2
MPICICW2
0021h
page 12-32
Master PIC Initialization Control Word 3
MPICICW3
0021h
page 12-33
Master PIC Initialization Control Word 4
MPICICW4
0021h
page 12-35
Master PIC Interrupt Mask
MPICINTMSK
0021h
page 12-36
Slave 2 PIC
0024h, 0025h
Slave 2 PIC Interrupt Request
S2PICIR
0024h
page 12-37
Slave 2 PIC In-Service
S2PICISR
0024h
page 12-38
Slave 2 PIC Initialization Control Word 1
S2PICICW1
0024h
page 12-39
Slave 2 PIC Operation Control Word 2
S2PICOCW2
0024h
page 12-41
Slave 2 PIC Operation Control Word 3
S2PICOCW3
0024h
page 12-43
Slave 2 PIC Initialization Control Word 2
S2PICICW2
0025h
page 12-45
Slave 2 PIC Initialization Control Word 3
S2PICICW3
0025h
page 12-46
Slave 2 PIC Initialization Control Word 4
S2PICICW4
0025h
page 12-47
Slave 2 PIC Interrupt Mask
S2PICINTMSK
0025h
page 12-48
Programmable Interval Timer
0040–0043h
PIT Channel 0 Count
PIT0CNT
0040h
page 13-2
PIT Channel 1 Count
PIT1CNT
0041h
page 13-3
PIT Channel 2 Count
PIT2CNT
0042h
page 13-4
PIT 0 Status
PIT0STA
0040
h
page 13-5
PIT 1 Status
PIT1STA
0041h
page 13-5
PIT 2 Status
PIT2STA
0042h
page 13-5
PIT Mode Control
PITMODECTL
0043h
page 13-7
PIT Counter Latch Command
PITCNTLAT
0043h
page 13-10
PIT Read-Back Command
PITRDBACK
0043h
page 13-11
SCP Data Port
SCPDATA
0060h
page 3-7
System Control Port B
SYSCTLB
0061h
page 13-13
SCP Command Port
SCPCMD
0064h
page 3-8
RTC Index, Data
0070h, 0071h
RTC/CMOS RAM Index
RTCIDX
0070h
page 17-2
RTC/CMOS RAM Data Port
RTCDATA
0071h
page 17-3
DMA Page and General Registers
0080–008Fh
General 0
GPDMAGR0
0080h
page 11-62
Slave DMA Channel 2 Page
GPDMA2PG
0081h
page 11-63
Slave DMA Channel 3 Page
GPDMA3PG
0082h
page 11-64
Slave DMA Channel 1 Page
GPDMA1PG
0083h
page 11-65
Table 1-2
Direct-Mapped I/O Registers (Continued)
Register Name
Mnemonic
I/O Address
Page Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com