Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 84Page - Advanced Micro Devices ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices ELANSC520 Datasheet HTML 89Page - Advanced Micro Devices ELANSC520 Datasheet HTML 90Page - Advanced Micro Devices ELANSC520 Datasheet HTML 91Page - Advanced Micro Devices ELANSC520 Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 440 page
background image
PCI Bus Host Bridge Registers
6-24
Élan™SC520 Microcontroller Register Set Manual
Master Retry Time-Out (PCIMRETRYTO)
I/O Address 0CF8h/0CFCh
PCI Index 41h
Register Description
This register contains the PCI master retry time-out.
Bit Definitions
Programming Notes
This register is reset by a system reset or by a PCI bus reset. A PCI bus reset is initiated by setting the PCI_RST
bit in the HBCTL register (see page 6-3).
This register (PCIMRETRYTO) is byte 1 of register number 16d in the host bridge-specific PCI configuration space.
This register must not be changed except when there is no outstanding CPU-to-PCI bus transaction pending. This
is the default state after a system reset. See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for
information about PCI bus initialization.
7
6
5
4
3
2
1
0
Bit
M_RETRY_TO[7
–0]
Reset
00000000
R/W
R
Bit
Name
Function
7
–0
M_RETRY_TO
[7
–0]
Master Retry Time-Out
This bit field defines the number of times the master controller retries a transaction before
aborting the cycle. For read transactions that are aborted due to a time-out, a data value of
FFFFFFFFh is returned to the Am5x86 CPU.
00h =
Retry time-out disabled. The master controller continues to retry the transaction until
the target responds. This is the default value.
Other = The master controller continues to retry the transaction for the number of times
programmed into this bit field. For example, if this bit field is set to 80h, the number of
retries is 128. Therefore the total number of attempts (including the initial attempt) is
the number of retries programmed in this bit field plus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com