Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 79Page - Advanced Micro Devices ELANSC520 Datasheet HTML 80Page - Advanced Micro Devices ELANSC520 Datasheet HTML 81Page - Advanced Micro Devices ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices ELANSC520 Datasheet HTML 83Page - Advanced Micro Devices ELANSC520 Datasheet HTML 84Page - Advanced Micro Devices ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 440 page
background image
PCI Bus Host Bridge Registers
Élan™SC520 Microcontroller Register Set Manual
6-19
Status/Command (PCISTACMD)
I/O Address 0CF8h/0CFCh
PCI Index 04h
Register Description
This register contains the PCI configuration header space command and status register bits.
Bit Definitions
31
30
29
28
27
26
25
24
Bit
PERR_DET SIG_SERR
R_MST_
ABT
R_TGT_
ABT
S_TGT_
ABT
S_DVSL_TIM[1–0]
D_PERR_
DET
Reset
00000010
R/W
R/W!
R
R/W!
R/W!
R/W!
R
R
R/W!
23
22
21
20
19
18
17
16
Bit
FBTB
UDFS
66M_CAP
Reserved
Reset
10000000
R/W
RRR
RSV
15
14
13
12
11
10
9
8
Bit
Reserved
SERR_ENB
Reset
00000000
R/W
RSV
R
7
6
5
4
3
2
1
0
Bit
Reserved
PERR_RES
Reserved
BUS_MAS
MEM_ENB
IO_ENB
Reset
00000100
R/W
RSV
R/W
RSV
R
R/W
R
Bit
Name
Function
31
PERR_DET
Parity Error Detected
This bit is set when a parity error is detected by the host bridge master or target controller.
0 = Parity error not detected.
1 = Parity error detected.
This bit is cleared by writing a 1.
30
SIG_SERR
Signaled System Error
This bit is normally used to indicate that the PCI bus agent has asserted the SERR pin,
however the host bridge does not drive SERR because the interrupt logic is integrated within
the ÉlanSC520 microcontroller.
0 = SERR pin not asserted by the host bridge.
This bit is internally fixed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com