Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 66Page - Advanced Micro Devices ELANSC520 Datasheet HTML 67Page - Advanced Micro Devices ELANSC520 Datasheet HTML 68Page - Advanced Micro Devices ELANSC520 Datasheet HTML 69Page - Advanced Micro Devices ELANSC520 Datasheet HTML 70Page - Advanced Micro Devices ELANSC520 Datasheet HTML 71Page - Advanced Micro Devices ELANSC520 Datasheet HTML 72Page - Advanced Micro Devices ELANSC520 Datasheet HTML 73Page - Advanced Micro Devices ELANSC520 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 440 page
background image
PCI Bus Host Bridge Registers
6-6
Élan™SC520 Microcontroller Register Set Manual
Programming Notes
This register is reset by a system reset. The bits in this register are not affected by a PCI bus reset. A PCI bus reset
is initiated by setting the PCI_RST bit in the HBCTL register (see page 6-3).
Interrupt status bits are set whenever the associated event occurs regardless of the corresponding interrupt enable bit.
For a host bridge NMI to propagate to the CPU, host bridge NMIs must be enabled via the PCI_NMI_ENB bit in the
PCIHOSTMAP register (see page 12-17), and NMIs must be enabled via the NMI_ENB bit in the PICICR register
(see page 12-4).
Before host bridge interrupts are enabled, the PCIHOSTMAP register (see page 12-17) must be configured to route
the interrupt to the appropriate interrupt request level and priority.
The interrupt enabled via the GNT_TO_INT_ENB bit in the SYSARBCTL register (see page 5-2) shares the
interrupt controller input used by host bridge interrupts.
0
T_DPER_
IRQ_ENB
Target Data Parity Interrupt Enable
This bit allows data parity errors detected by the target controller to generate an interrupt.
0 = Data parity errors do not generate an interrupt.
1 = Data parity errors generate an interrupt.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com