Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 14Page - Advanced Micro Devices ELANSC520 Datasheet HTML 15Page - Advanced Micro Devices ELANSC520 Datasheet HTML 16Page - Advanced Micro Devices ELANSC520 Datasheet HTML 17Page - Advanced Micro Devices ELANSC520 Datasheet HTML 18Page - Advanced Micro Devices ELANSC520 Datasheet HTML 19Page - Advanced Micro Devices ELANSC520 Datasheet HTML 20Page - Advanced Micro Devices ELANSC520 Datasheet HTML 21Page - Advanced Micro Devices ELANSC520 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 440 page
background image
Introduction
xviii
Élan™SC520 Microcontroller Register Set Manual
DOCUMENTATION CONVENTIONS
Table 0-1 lists the documentation conventions used throughout this manual.
Table 0-1
Documentation Notation
Notation
Meaning
Reset Default Values
Default
Value after a system reset
0Low
1
Active or High
x
No value is guaranteed
?
Determined by sources external to the ÉlanSC520
microcontroller
Read/Write Attributes
R
The bit field is read-only. A write to the register at this bit field
has no effect. The contents may or may not be changed by
hardware.
W
The bit field is write-only. Reading this register at this bit field
does not return a meaningful value and has no side effects.
R/W
The bit field is read/write. Reading the register at this bit field
always returns the last value written. Reads have no side effects.
R/W!
The bit field is read/write with conditions. The “!” indicates that
there are side effects to using this bit. For example, reading a
bit or register might not always return the last value written. Note
that both reads and writes can have side effects. If you see a
“!”, be sure to read the bit description and programming notes.
RSV
The bit field is reserved for internal test/debug or future
expansion. This bit field should be written to 0 for normal system
operation. This bit field always returns 0 when read.
RSV!
The bit field is reserved for compatibility purposes. For example,
the bit field might be ignored during writes to maintain software
compatibility. If you see a “!”, be sure to read the bit description
and programming notes.
Reference Notation
MMCR offset 00h
ÉlanSC520 microcontroller Memory-Mapped Configuration
Region (MMCR) offset register 00h
PCI index 00h
PCI indexed register 00h
Port 00h
Direct-mapped I/O register 00h
RTC index 00h
RTC and configuration RAM indexed register 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com