Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 84 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 84 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 80Page - Advanced Micro Devices ELANSC520 Datasheet HTML 81Page - Advanced Micro Devices ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices ELANSC520 Datasheet HTML 83Page - Advanced Micro Devices ELANSC520 Datasheet HTML 84Page - Advanced Micro Devices ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 440 page
background image
PCI Bus Host Bridge Registers
6-20
Élan™SC520 Microcontroller Register Set Manual
29
R_MST_ABT
Received Master Abort
This bit is set by the host bridge master controller when its transaction is terminated with a
master abort.
0 = Transaction was not terminated with a master abort.
1 = Transaction was terminated with a master abort.
This bit is cleared by writing a 1.
28
R_TGT_ABT
Received Target Abort
This bit is set by the host bridge master controller when its transaction is terminated with a
target abort.
0 = Transaction was not terminated with a target abort.
1 = Transaction was terminated with a target abort.
This bit is cleared by writing a 1.
27
S_TGT_ABT
Signaled Target Abort
This bit is set by the host bridge target controller when it terminates a transaction with a target
abort. The host bridge responds with a target abort when an address parity error is detected.
0 = Target controller did not end a transaction with a target abort.
1 = Target controller ended a transaction with a target abort.
This bit is cleared by writing a 1.
26
–25
S_DVSL_TIM
[1
–0]
Device Select (DEVSEL) Timing
These read only bits define the slowest DEVSEL timing for the host bridge target controller.
01 = The host bridge target controller always uses medium DEVSEL timing.
This bit field is internally fixed to 01b.
24
D_PERR_DET
Data Parity Reported
This bit is set by the host bridge master controller when, during a host bridge master controller
PCI bus cycle, PERR is asserted by the host bridge or a PCI bus target, and the Parity Error
Response bit (PERR_RES in the PCISTACMD register, see page 6-21) is also set.
0 = The master controller did not detect parity error.
1 = The master controller detect parity error.
This bit is cleared by writing a 1.
23
FBTB
Fast Back-to-Back Capable
This read-only bit indicates the host bridge target controller is capable of fast back-to-back
transactions.
1 = The host bridge target controller is capable of fast back-to-back transactions.
22
UDFS
UDF Supported
This read-only bit indicates the host bridge does not support user-definable features.
0 = The host bridge does not support user-definable features.
21
66M_CAP
66 MHz Capable
This-read only bit indicates the host bridge is not 66-MHz capable.
0 = The host bridge is not 66-MHz capable.
20
–9
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
8
SERR_ENB
SERR Enable
This bit is normally used to enable the PCI bus agent to drive the SERR pin, however the host
bridge does not drive the SERR pin because all interrupt control is integrated within the
ÉlanSC520 microcontroller.
0 = The SERR pin is not driven by the ÉlanSC520 microcontroller.
This bit is internally fixed to 0.
7
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com