Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 55Page - Advanced Micro Devices ELANSC520 Datasheet HTML 56Page - Advanced Micro Devices ELANSC520 Datasheet HTML 57Page - Advanced Micro Devices ELANSC520 Datasheet HTML 58Page - Advanced Micro Devices ELANSC520 Datasheet HTML 59Page - Advanced Micro Devices ELANSC520 Datasheet HTML 60Page - Advanced Micro Devices ELANSC520 Datasheet HTML 61Page - Advanced Micro Devices ELANSC520 Datasheet HTML 62Page - Advanced Micro Devices ELANSC520 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 440 page
background image
System Arbitration Registers
Élan™SC520 Microcontroller Register Set Manual
5-3
PCI Bus Arbiter Status (PCIARBSTA)
Memory-Mapped
MMCR Offset 71h
Register Description
This register provides grant time-out status of the PCI bus arbiter.
Bit Definitions
Programming Notes
7
6
5
4
3
2
1
0
Bit
GNT_TO_
STA
Reserved
GNT_TO_ID[3–0]
Reset
00001111
R/W
R/W!
RSV
R
Bit
Name
Function
7
GNT_TO_STA
PCI Bus Arbiter Grant Time-Out Status
This bit is set when the PCI bus arbiter detects a grant time-out (transaction not started within
16 clocks of the PCI bus going idle). The GNT that was asserted when this condition occurs
can be read in the GNT_TO_ID bit field.
0 = Grant time-out has not occurred.
1 = Grant time-out has occurred.
This bit (GNT_TO_STA) is cleared by writing a 1.
This bit operates regardless of the corresponding interrupt enable bit (GNT_TO_INT_ENB in
the SYSARBCTL register, see page 5-2).
When enabled as an interrupt, this source shares the interrupt controller input used by any
host bridge interrupts enabled in the HBTGTIRQCTL and HBMSTIRQCTL registers (see
page 6-5 and page 6-9).
6–4
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
3–0
GNT_TO_ID
[3–0]
PCI Bus Arbiter Grant Time-Out Identification
This bit field identifies which GNT was asserted when the PCI arbiter detected a grant time-
out. This bit field is reset to ones by writing a one to the GNT_TO_STA bit.
0000 = GNT0 was asserted when a grant time-out was detected.
0001 = GNT1 was asserted when a grant time-out was detected.
0010 = GNT2 was asserted when a grant time-out was detected.
0011 = GNT3 was asserted when a grant time-out was detected.
0100 = GNT4 was asserted when a grant time-out was detected.
0101–1101 = Reserved
1110 = The Am5x86 CPU GNT was asserted when a grant time-out was detected.
1111 = No grant time-out was detected, or GNT was asserted when a grant time-out was
detected but not latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com