Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 37Page - Advanced Micro Devices ELANSC520 Datasheet HTML 38Page - Advanced Micro Devices ELANSC520 Datasheet HTML 39Page - Advanced Micro Devices ELANSC520 Datasheet HTML 40Page - Advanced Micro Devices ELANSC520 Datasheet HTML 41Page - Advanced Micro Devices ELANSC520 Datasheet HTML 42Page - Advanced Micro Devices ELANSC520 Datasheet HTML 43Page - Advanced Micro Devices ELANSC520 Datasheet HTML 44Page - Advanced Micro Devices ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 440 page
background image
System Address Mapping Registers
Élan™SC520 Microcontroller Register Set Manual
2-9
Configuration Base Address (CBAR)
Direct-Mapped
I/O Address FFFCh
Register Description
This register can be used to alias the memory-mapped configuration region (MMCR) that is used to access many
of the ÉlanSC520 microcontroller’s integrated peripheral functions. The MMCR is always accessible at
FFFEF000–
FFFEFFFFh, in the region directly below the boot ROM space, but it can also be aliased to any 4-Kbyte boundary
within the first 1 Gbyte of memory space.
Bit Definitions
31
30
29
28
27
26
25
24
Bit
ENABLE
Reserved
ADR[29
–24]
Reset
00000000
R/W
R/W!
RSV
R/W
23
22
21
20
19
18
17
16
Bit
ADR[23
–16]
Reset
00000000
R/W
R/W
15
14
13
12
11
10
9
8
Bit
ADR[15
–12]
Reserved
Reset
00000000
R/W
R/W
RSV
7
6
5
4
3
2
1
0
Bit
MATCH[7–0]
Reset
00000000
R/W
W
Bit
Name
Function
31
ENABLE
Enable
This bit must be set to enable write access to the CBAR register. Upon reading, the ENABLE
bit returns the state of the MMCR alias.
0 = MMCR alias is disabled.
1 = MMCR alias is enabled.
Writes to this bit are ignored if the value CBh is not written to the MATCH bit field in the same
write cycle.
30
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
29
–12
ADR[29
–12]
Start Address
This bit field defines the starting address of the memory-mapped configuration region on a
4-Kbyte boundary. The address programmed in this bit field is compared to internal Am5x86
CPU bus signals a29
–a12.
Writes to this bit field are ignored unless the ENABLE bit set and the value CBh is written to
the MATCH bit field in the same write cycle. Both of these conditions are required for the write
to take effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com