Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 32Page - Advanced Micro Devices ELANSC520 Datasheet HTML 33Page - Advanced Micro Devices ELANSC520 Datasheet HTML 34Page - Advanced Micro Devices ELANSC520 Datasheet HTML 35Page - Advanced Micro Devices ELANSC520 Datasheet HTML 36Page - Advanced Micro Devices ELANSC520 Datasheet HTML 37Page - Advanced Micro Devices ELANSC520 Datasheet HTML 38Page - Advanced Micro Devices ELANSC520 Datasheet HTML 39Page - Advanced Micro Devices ELANSC520 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 440 page
background image
System Address Mapping Registers
2-4
Élan™SC520 Microcontroller Register Set Manual
Write-Protect Violation Status (WPVSTA)
Memory-Mapped
MMCR Offset 82h
Register Description
This register provides write-protect violation status for the ÉlanSC520 microcontroller’s address decode block.
Bit Definitions
Programming Notes
15
14
13
12
11
10
9
8
Bit
WPV_STA
Reserved
WPV_MSTR[1–0]
Reset
00000000
R/W
R/W!
RSV
R
7
6
5
4
3
2
1
0
Bit
Reserved
WPV_WINDOW[3–0]
Reset
00000000
R/W
RSV
R
Bit
Name
Function
15
WPV_STA
Write-Protect Violation Interrupt Status
This bit indicates whether an interrupt request is pending due to a write-protect violation.
0 = Write-protect violations interrupt request not pending.
1 = Write-protect violations interrupt request pending.
Software must write a 1 to this bit to clear the interrupt (and the status bit) before the hardware
can latch subsequent write-protect violations.
This bit provides the status of the interrupt regardless of the setting of the WPV_INT_ENB bit
in the ADDDECCTL register (see page 2-2).
14
–10
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
9
–8
WPV_MSTR
[1–0]
Write-Protect Violation Master
This bit field identifies the master that caused the write-protect violation.
00 = The Am5x86 CPU caused the violation.
01 = A PCI bus master caused the violation.
10 = The GP bus DMA controller caused the violation.
11 = Reserved.
This bit field contains valid information only while the WPV_STA bit is set. The master’s
identity is latched when a write-protect violation occurs. Subsequent write-protect violations
are not captured until software clears the interrupt by writing a 1 to the WPV_STA bit.
7
–4
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
3
–0
WPV_WINDOW
[3–0]
Write-Protect Violation Window Number
This bit field identifies the programmable address region window (PAR0–PAR15) in which the
write-protect violation occurred. This bit field contains valid information only while the
WPV_STA bit is set. The PARx window number is latched when a write-protect violation
occurs. Subsequent write-protect violations are not captured until software clears the interrupt
by writing a 1 to the WPV_STA bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com