Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 33Page - Advanced Micro Devices ELANSC520 Datasheet HTML 34Page - Advanced Micro Devices ELANSC520 Datasheet HTML 35Page - Advanced Micro Devices ELANSC520 Datasheet HTML 36Page - Advanced Micro Devices ELANSC520 Datasheet HTML 37Page - Advanced Micro Devices ELANSC520 Datasheet HTML 38Page - Advanced Micro Devices ELANSC520 Datasheet HTML 39Page - Advanced Micro Devices ELANSC520 Datasheet HTML 40Page - Advanced Micro Devices ELANSC520 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 440 page
background image
System Address Mapping Registers
Élan™SC520 Microcontroller Register Set Manual
2-5
Memory-Mapped
Programmable Address Region 0 (PAR0)
MMCR Offset 88h
Programmable Address Region 1 (PAR1)
MMCR Offset 8Ch
Programmable Address Region 2 (PAR2)
MMCR Offset 90h
Programmable Address Region 3 (PAR3)
MMCR Offset 94h
Programmable Address Region 4 (PAR4)
MMCR Offset 98h
Programmable Address Region 5 (PAR5)
MMCR Offset 9Ch
Programmable Address Region 6 (PAR6)
MMCR Offset A0h
Programmable Address Region 7 (PAR7)
MMCR Offset A4h
Programmable Address Region 8 (PAR8)
MMCR Offset A8h
Programmable Address Region 9 (PAR9)
MMCR Offset ACh
Programmable Address Region 10 (PAR10)
MMCR Offset B0h
Programmable Address Region 11 (PAR11)
MMCR Offset B4h
Programmable Address Region 12 (PAR12)
MMCR Offset B8h
Programmable Address Region 13 (PAR13)
MMCR Offset BCh
Programmable Address Region 14 (PAR14)
MMCR Offset C0h
Programmable Address Region 15 (PAR15)
MMCR Offset C4h
31
30
29
28
27
26
25
24
Bit
TARGET[2
–0]
ATTR[2
–0]
PG_SZ
SZ_ST_AD
R[24]
Reset
00000000
R/W
R/W
R/W
R/W
R/W
23
22
21
20
19
18
17
16
Bit
SZ_ST_ADR[23
–16]
Reset
00000000
R/W
R/W
15
14
13
12
11
10
9
8
Bit
SZ_ST_ADR[15
–8]
Reset
00000000
R/W
R/W
7
6
5
4
3
2
1
0
Bit
SZ_ST_ADR[7
–0]
Reset
00000000
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com