Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 98 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 98 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 94Page - Advanced Micro Devices ELANSC520 Datasheet HTML 95Page - Advanced Micro Devices ELANSC520 Datasheet HTML 96Page - Advanced Micro Devices ELANSC520 Datasheet HTML 97Page - Advanced Micro Devices ELANSC520 Datasheet HTML 98Page - Advanced Micro Devices ELANSC520 Datasheet HTML 99Page - Advanced Micro Devices ELANSC520 Datasheet HTML 100Page - Advanced Micro Devices ELANSC520 Datasheet HTML 101Page - Advanced Micro Devices ELANSC520 Datasheet HTML 102Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 440 page
background image
SDRAM Controller Registers
7-10
Élan™SC520 Microcontroller Register Set Manual
ECC Status (ECCSTA)
Memory-Mapped
MMCR Offset 21h
Register Description
This register maintains status of the ECC functions if ECC is enabled.
Note: A programmable reset does not preserve this register’s state.
Bit Definitions
Programming Notes
Software should write to this register (ECCSTA) only to clear the error status, and only after a status bit was read as 1.
7
6
5
4
3
2
1
0
Bit
Reserved
MBIT_ERR
SBIT_ERR
Reset
00000000
R/W
RSV
R/W!
R/W!
Bit
Name
Function
7
–2
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
1
MBIT_ERR
Multi-Bit Error Detected
0 = The event has not occurred, or software cleared this bit by writing a 1.
1 = A multi-bit ECC error has occurred.
Software must write a 1 to clear this bit and rearm the logic that captures the physical address
where the multi-bit error occurred.
The multi-bit error physical address can be read from the ECCMBADD register (see
page 7-15).
0
SBIT_ERR
Single-bit ECC Error
0 = The event has not occurred, or software cleared this bit by writing a 1.
1 = A single-bit ECC error has occurred.
Software must write a 1 to clear this bit and rearm the logic that captures the physical address
and bit position where the single-bit error occurred.
The single-bit error physical address can be read from the ECCSBADD register (see
page 7-14). The single-bit error bit position can be read from the ECCCKBPOS register (see
page 7-11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com