Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 39Page - Advanced Micro Devices ELANSC520 Datasheet HTML 40Page - Advanced Micro Devices ELANSC520 Datasheet HTML 41Page - Advanced Micro Devices ELANSC520 Datasheet HTML 42Page - Advanced Micro Devices ELANSC520 Datasheet HTML 43Page - Advanced Micro Devices ELANSC520 Datasheet HTML 44Page - Advanced Micro Devices ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices ELANSC520 Datasheet HTML 46Page - Advanced Micro Devices ELANSC520 Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 440 page
background image
Élan™SC520 Microcontroller Register Set Manual
3-1
CHAPTER
3 RESET GENERATION REGISTERS
3.1
OVERVIEW
This chapter describes the reset generation and reset-related registers of the ÉlanSC520
microcontroller.
The ÉlanSC520 microcontroller provides several microcontroller-specific and PC/AT-
compatible reset functions.
The reset generation register set includes two groups of registers:
s Three memory-mapped configuration region (MMCR) registers are used to provide
system board information at reset, configure reset behavior, and provide reset status.
s Three direct-mapped I/O registers are used to provide PC/AT-compatible reset-related
functions.
See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for details about reset
generation.
Table 3-1 and Table 3-2 list each type of reset register in offset order, with the corresponding
description’s page number.
3.2
REGISTERS
Table 3-1
Reset Generation MMCR Registers
Register Name
Mnemonic
MMCR Offset
Page Number
System Board Information
SYSINFO
D70h
page 3-2
Reset Configuration
RESCFG
D72h
page 3-3
Reset Status
RESSTA
D74h
page 3-5
Table 3-2
Reset Generation Direct-Mapped Registers
Register Name
Mnemonic
I/O Address
Page Number
SCP Data Port
SCPDATA
0060h
page 3-7
SCP Command Port
SCPCMD
0064h
page 3-8
System Control Port A
SYSCTLA
0092h
page 3-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com