Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices ELANSC520 Datasheet HTML 89Page - Advanced Micro Devices ELANSC520 Datasheet HTML 90Page - Advanced Micro Devices ELANSC520 Datasheet HTML 91Page - Advanced Micro Devices ELANSC520 Datasheet HTML 92Page - Advanced Micro Devices ELANSC520 Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 440 page
background image
Élan™SC520 Microcontroller Register Set Manual
7-1
CHAPTER
7 SDRAM CONTROLLER REGISTERS
7.1
OVERVIEW
This chapter describes the synchronous dynamic random-access memory (SDRAM)
controller registers of the ÉlanSC520 microcontroller.
The ÉlanSC520 microcontroller includes an integrated SDRAM controller. The following
are some of the SDRAM controller’s main features:
s Synchronous DRAM support
s Support for up to 4 banks
s Up to 256 Megabytes of SDRAM
s ECC (single-bit correction/multiple-bit detection) support
The SDRAM controller register set consists of ten memory-mapped configuration region
(MMCR) registers used for configuration, control, and status. See the
Élan™SC520
Microcontroller User’s Manual, order #22004, for details about using the SDRAM controller.
Table 7-1 lists the SDRAM controller registers in offset order, with the corresponding
description’s page number.
7.2
REGISTERS
Table 7-1
SDRAM Controller MMCR Registers
Register Name
Mnemonic
MMCR Offset
Page
Number
SDRAM Control
DRCCTL
10h
page 7-2
SDRAM Timing Control
DRCTMCTL
12h
page 7-4
SDRAM Bank Configuration
DRCCFG
14h
page 7-5
SDRAM Bank 0–3 Ending Address
DRCBENDADR
18h
page 7-7
ECC Control
ECCCTL
20h
page 7-9
ECC Status
ECCSTA
21h
page 7-10
ECC Check Bit Position
ECCCKBPOS
22h
page 7-11
ECC Check Code Test
ECCCKTEST
23h
page 7-12
ECC Single-Bit Error Address
ECCSBADD
24h
page 7-14
ECC Multi-Bit Error Address
ECCMBADD
28h
page 7-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com