Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 51Page - Advanced Micro Devices ELANSC520 Datasheet HTML 52Page - Advanced Micro Devices ELANSC520 Datasheet HTML 53Page - Advanced Micro Devices ELANSC520 Datasheet HTML 54Page - Advanced Micro Devices ELANSC520 Datasheet HTML 55Page - Advanced Micro Devices ELANSC520 Datasheet HTML 56Page - Advanced Micro Devices ELANSC520 Datasheet HTML 57Page - Advanced Micro Devices ELANSC520 Datasheet HTML 58Page - Advanced Micro Devices ELANSC520 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 440 page
background image
Am5x86
® CPU Registers
Élan™SC520 Microcontroller Register Set Manual
4-3
Am5x86® CPU Control (CPUCTL)
Memory-Mapped
MMCR Offset 02h
Register Description
This register controls the Am5x86 CPU’s cache write-back mode and clock speed.
Bit Definitions
Programming Notes
The Am5x86 CPU core is reset during a hard reset, and the Am5x86 CPU core clock frequency defaults to 100 MHz.
The Am5x86 CPU core clock frequency remains the same and the cache state and policy are unaffected by a soft
reset.
See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for details about hard and soft resets.
Table 3-3 on page 3-6 provides a summary of ÉlanSC520 microcontroller reset sources and effects.
7
6
5
4
3
2
1
0
Bit
Reserved
CACHE_
WR_MODE
Reserved
CPU_CLK_SPD[1–0]
Reset
00000001
R/W
RSV
R/W
RSV
R/W
Bit
Name
Function
7
–5
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
4
CACHE_WR_
MODE
Cache Write Mode
This bit enables the write-back mode of the Am5x86 CPU cache.
0 = Write-back mode (default).
1 =Write-through mode. If this bit is set, the cache operates in write-through mode regardless
of the setting of the NW bit in the processor’s internal CR0 register, or the PWT bit of the
corresponding page table entry.
3
–2
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
1
–0
CPU_CLK_SPD
[1–0]
CPU Clock Speed
This bit field specifies the clock speed at which the Am5x86 CPU runs. Note that there is a
1 ms delay for the Am5x86 CPU PLL to switch to the new frequency after this bit field is
changed.
00 = Reserved
01 = 100 MHz (default)
10 = 133 MHz
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com