Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices ELANSC520 Datasheet HTML 87Page - Advanced Micro Devices ELANSC520 Datasheet HTML 88Page - Advanced Micro Devices ELANSC520 Datasheet HTML 89Page - Advanced Micro Devices ELANSC520 Datasheet HTML 90Page - Advanced Micro Devices ELANSC520 Datasheet HTML 91Page - Advanced Micro Devices ELANSC520 Datasheet HTML 92Page - Advanced Micro Devices ELANSC520 Datasheet HTML 93Page - Advanced Micro Devices ELANSC520 Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 440 page
background image
SDRAM Controller Registers
7-2
Élan™SC520 Microcontroller Register Set Manual
SDRAM Control (DRCCTL)
Memory-Mapped
MMCR Offset 10h
Register Description
This register controls various features of the SDRAM controller.
Note: A programmable reset preserves this register’s state. See the PRG_RST_ENB bit description on page 3-3.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
WB_TST_
ENB
Reserved
RFSH_SPD[1–0]
RFSH_ENB
OPMODE_SEL[2–0]
Reset
00010000
R/W
R/W!
RES
R/W
R/W
R/W
Bit
Name
Function
7
WB_TST_
ENB
Write Buffer Test Mode Enable
This bit selects the source of the debugging information available on the three system test
pins.
0 = Write buffer test mode is disabled. (System test mode.) The three system test pins
function as CF_DRAM, DATASTRB and CF_ROM_GPCS pins.
1 = Write buffer test mode is enabled. The three system test pins function as WBMSTR2
–
WBMSTR0 for write buffer master trace purposes.
If the write buffer is enabled (WB_ENB is set in the DBCTL register, see page 8-3), the
WBMSTR2
–WBMSTR0 signals provide write buffer master trace information during write
cycles from the write buffer to SDRAM. Master trace information specifies which masters
contributed to the level (rank) that is currently being written to SDRAM from the write
buffer. Contributing masters can be one or more of: Am5x86 CPU, PCI, or GP bus DMA.
If the write buffer is disabled, or during read cycles if the write buffer is enabled, the
WBMSTR2
–WBMSTR0 signals reflect the master that is currently requesting SDRAM
access.
Software writes to this bit are ignored when the AMDebug™ technology mode is active. This
ensures that microcontroller software cannot remove control of the pins from the software
driving the AMDebug technology port. If AMDebug technology mode is not active, software
can write to this bit.
Refer to the
Élan™SC520 Microcontroller User’s Manual, order #22004, for more information
about system test mode and write buffer test mode.
6
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
5
–4
RFSH_SPD
[1–0]
SDRAM Refresh Request Speed
These two bits determine the SDRAM refresh request rate.
00 = 7.8
ms
01 = 15.6
ms (default)
10 = 31.2
ms
11 = 62.5
ms
3
RFSH_ENB
Refresh Enable
0 = SDRAM refresh is disabled. This mode should be used for SDRAM detection and sizing
algorithms. Disabling SDRAM refresh should not be done in normal operation.
1 = SDRAM refresh is enabled.
Note: Refresh cycles are not generated to SDRAM banks that are not enabled via the
BNKx_ENB bits in the DRCBENDADR register (see page 7-7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com