Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 69Page - Advanced Micro Devices ELANSC520 Datasheet HTML 70Page - Advanced Micro Devices ELANSC520 Datasheet HTML 71Page - Advanced Micro Devices ELANSC520 Datasheet HTML 72Page - Advanced Micro Devices ELANSC520 Datasheet HTML 73Page - Advanced Micro Devices ELANSC520 Datasheet HTML 74Page - Advanced Micro Devices ELANSC520 Datasheet HTML 75Page - Advanced Micro Devices ELANSC520 Datasheet HTML 76Page - Advanced Micro Devices ELANSC520 Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 440 page
background image
PCI Bus Host Bridge Registers
Élan™SC520 Microcontroller Register Set Manual
6-9
Host Bridge Master Interrupt Control (HBMSTIRQCTL)
Memory-Mapped
MMCR Offset 66h
Register Description
This register contains bit fields for configuring and enabling host bridge master interrupts.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
Reserved
M_RTRTO_
IRQ_SEL
M_TABRT_
IRQ_SEL
M_MABRT_
IRQ_SEL
M_SERR_
IRQ_SEL
M_RPER_
IRQ_SEL
M_DPER_
IRQ_SEL
Reset
00000000
R/W
RSV
R/W
R/W
R/W
R/W
R/W
R/W
7
6
5
4
3
2
1
0
Bit
Reserved
M_RTRTO_
IRQ_ENB
M_TABRT_
IRQ_ENB
M_MABRT_
IRQ_ENB
M_SERR_
IRQ_ENB
M_RPER_
IRQ_ENB
M_DPER_
IRQ_ENB
Reset
00000000
R/W
RSV
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Function
15
–14
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
13
M_RTRTO_
IRQ_SEL
Master Retry Time-Out Interrupt Select
This bit allows master retry time-outs to generate an NMI instead of a maskable interrupt.
0 = Master retry time-outs generate a maskable interrupt.
1 = Master retry time-outs generate an NMI.
12
M_TABRT_
IRQ_SEL
Master Target Abort Interrupt Select
This bit allows master controller transactions that are terminated with a target abort to
generate an NMI instead of a maskable interrupt.
0 = Master transactions that are terminated with a master abort generate a maskable
interrupt.
1 = Master transactions that are terminated with a master abort generate an NMI.
11
M_MABRT_
IRQ_SEL
Master Abort Interrupt Select
This bit allows master controller transactions that are terminated with a master abort to
generate an NMI instead of a maskable interrupt.
0 = Master transactions that are terminated with a master abort generate a maskable
interrupt.
1 = Master transactions that are terminated with a master abort generate an NMI.
10
M_SERR_
IRQ_SEL
Master System Error Interrupt Select
This bit allows the assertion of the system error signal (SERR) to generate an NMI instead of
a maskable interrupt.
0 = Assertion of the system error signal generates a maskable interrupt.
1 = Assertion of the system error signal generates an NMI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com