Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 41Page - Advanced Micro Devices ELANSC520 Datasheet HTML 42Page - Advanced Micro Devices ELANSC520 Datasheet HTML 43Page - Advanced Micro Devices ELANSC520 Datasheet HTML 44Page - Advanced Micro Devices ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices ELANSC520 Datasheet HTML 46Page - Advanced Micro Devices ELANSC520 Datasheet HTML 47Page - Advanced Micro Devices ELANSC520 Datasheet HTML 48Page - Advanced Micro Devices ELANSC520 Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 440 page
background image
Reset Generation Registers
Élan™SC520 Microcontroller Register Set Manual
3-3
Reset Configuration (RESCFG)
Memory-Mapped
MMCR Offset D72h
Register Description
This register provides a direct read/write port to program system reset and GP bus reset. It also provides a control
bit to enable or disable the programmable system reset function of the PRGRESET pin and another control bit to
enable the AMDebug™ technology.
Bit Definitions
7
6
5
4
3
2
1
0
Bit
Reserved
ICE_ON_
RST
PRG_RST_
ENB
GP_RST
SYS_RST
Reset
00000000
R/W
RSV
R/W!
R/W
R/W
R/W!
Bit
Name
Function
7
–4
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
3
ICE_ON_RST
Enter AMDebug™ Technology Mode on Next Reset
Setting this bit enables the microprocessor to enter AMDebug technology mode after a hard
or soft reset has been asserted to the Am5x86 CPU. Writes to this bit are ignored if the
AMDebug technology mode is not active. (The AMDebug technology mode is controlled by
the software that drives the AMDebug technology port.)
0 = Do not enter AMDebug technology mode on a CPU hard or soft reset.
1 = Enable the microprocessor to enter AMDebug technology mode on a CPU hard or soft
reset.
2
PRG_RST_
ENB
Programmable Reset Enable
0 = Programmable reset is disabled.
1 = Programmable reset is enabled.
Setting this bit enables programmable resets, during which SDRAM configuration and
SDRAM contents are preserved. After this bit is set, programmable resets can be generated
by one of four sources:
s
PRGRESET pin
s
Watchdog timer time-out-generated reset
s
Software write to the SYS_RST bit (with the PRG_RST_ENB bit set in the same write)
s
AMDebug technology system reset
If this bit (PRG_RST_ENB) is cleared, the PRGRESET pin has no function. The other
programmable reset sources, if generated, initiate non-SDRAM-preserving system resets.
This bit is cleared by default, so a toggle on the PRGRESET pin does not affect the
ÉlanSC520 microcontroller.
1
GP_RST
Software GP Bus Reset
Software can write to this bit to control the GPRESET pin and read back the pin’s state. The
internal registers are not affected.
0 = Deassert GP bus reset.
1 = Assert GP bus reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com