Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 63Page - Advanced Micro Devices ELANSC520 Datasheet HTML 64Page - Advanced Micro Devices ELANSC520 Datasheet HTML 65Page - Advanced Micro Devices ELANSC520 Datasheet HTML 66Page - Advanced Micro Devices ELANSC520 Datasheet HTML 67Page - Advanced Micro Devices ELANSC520 Datasheet HTML 68Page - Advanced Micro Devices ELANSC520 Datasheet HTML 69Page - Advanced Micro Devices ELANSC520 Datasheet HTML 70Page - Advanced Micro Devices ELANSC520 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 440 page
background image
PCI Bus Host Bridge Registers
Élan™SC520 Microcontroller Register Set Manual
6-3
Host Bridge Control (HBCTL)
Memory-Mapped
MMCR Offset 60h
Register Description
This register contains bit fields for configuring the host bridge controller.
Bit Definitions
15
14
13
12
11
10
9
8
Bit
PCI_RST
Reserved
T_PURGE_
RD_ENB
T_DLYTR_ENB[1–0]
Reset
00000000
R/W
R/W!
RSV
R/W
R/W
7
6
5
4
3
2
1
0
Bit
Reserved
M_
WPOST_
ENB
Reserved
Reset
00000000
R/W
RSV
R/W
RSV
Bit
Name
Function
15
PCI_RST
PCI Bus Reset
This bit controls the PCI bus RST signal pin. Reading this bit returns the value that was
written to it.
0 = Deassert the PCI bus reset signal.
1 = Assert the PCI bus reset signal.
Note that a PCI bus reset affects the host bridge-specific registers in the PCI configuration
space. See the PCI-indexed register descriptions beginning on page 6-18.
The PCI_RST bit must be cleared only in accordance with the PCI bus specification.
14
–11
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
10
T_PURGE_
RD_ENB
Target FIFO Purge Enable
This bit is provided for data coherency. It forces the host bridge target controller to snoop the
target read FIFOs when a PCI bus write transaction occurs.
0 = The target read FIFOs are not snooped during write transactions.
1 = The target read FIFOs are snooped during PCI bus write transactions. The target
controller purges any data in the read FIFOs when the write transaction falls within the
same cache line for a read or read-line command, or within the same 64 doublewords for a
read-multiple command.
The T_PURGE_RD_ENB bit must not be changed except during PCI bus initialization after a
system reset. See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for
information about PCI bus initialization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com