Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 40Page - Advanced Micro Devices ELANSC520 Datasheet HTML 41Page - Advanced Micro Devices ELANSC520 Datasheet HTML 42Page - Advanced Micro Devices ELANSC520 Datasheet HTML 43Page - Advanced Micro Devices ELANSC520 Datasheet HTML 44Page - Advanced Micro Devices ELANSC520 Datasheet HTML 45Page - Advanced Micro Devices ELANSC520 Datasheet HTML 46Page - Advanced Micro Devices ELANSC520 Datasheet HTML 47Page - Advanced Micro Devices ELANSC520 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 440 page
background image
Reset Generation Registers
3-2
Élan™SC520 Microcontroller Register Set Manual
System Board Information (SYSINFO)
Memory-Mapped
MMCR Offset D70h
Register Description
This read-only register contains the state that was latched on the RSTLD7–RSTLD0 pins at the assertion of
PWRGOOD.
Bit Definitions
Programming Notes
These are status-only bits used to provide static information to software. For example, the system hardware designer
can configure pullup resistors as needed on the RSTLD7–RSTLD0 pins to provide board revision information to
software. The pullup resistors’ value should be approximately 10 K
W.
7
6
5
4
3
2
1
0
Bit
RST_LD[7–0]
Reset
????????
R/W
R
Bit
Name
Function
7
–0
RST_LD[7–0]
Reset Latched Input Data
The microcontroller initializes this bit field at the assertion of the PWRGOOD signal by
latching the state of the shared RSTLD7
–RSTLD0 pins. The information in this bit field
remains static after it is latched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com