Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 75Page - Advanced Micro Devices ELANSC520 Datasheet HTML 76Page - Advanced Micro Devices ELANSC520 Datasheet HTML 77Page - Advanced Micro Devices ELANSC520 Datasheet HTML 78Page - Advanced Micro Devices ELANSC520 Datasheet HTML 79Page - Advanced Micro Devices ELANSC520 Datasheet HTML 80Page - Advanced Micro Devices ELANSC520 Datasheet HTML 81Page - Advanced Micro Devices ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices ELANSC520 Datasheet HTML 83Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 440 page
background image
PCI Bus Host Bridge Registers
Élan™SC520 Microcontroller Register Set Manual
6-15
PCI Configuration Address (PCICFGADR)
Direct-Mapped
I/O Address 0CF8h
Register Description
This register is used to specify the information to be driven out during the address phase of the next configuration
cycle, which is initiated by a subsequent read or write of the PCICFGDATA register (see page 6-17).
Bit Definitions
31
30
29
28
27
26
25
24
Bit
ENABLE
Reserved
Reset
00000000
R/W
R/W!
RSV
23
22
21
20
19
18
17
16
Bit
BUS_NUM[7–0]
Reset
00000000
R/W
R/W!
15
14
13
12
11
10
9
8
Bit
DEVICE_NUM[4–0]
FUNCTION_NUM[2–0]
Reset
00000000
R/W
R/W!
R/W!
7
6
5
4
3
2
1
0
Bit
REGISTER_NUM[5–0]
Reserved
Reset
00000000
R/W
R/W!
RSV!
Bit
Name
Function
31
ENABLE
Enable
0 = Accesses to the PCICFGDATA register (see page 6-17) are not converted to configuration
cycles on the PCI bus. They remain normal I/O cycles.
1 = Accesses to the PCICFGDATA register are converted to configuration cycles on the PCI
bus.
30–24
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
23–16
BUS_NUM[7–0]
Bus Number
This bit field specifies the PCI bus number to which the configuration cycle is addressed.
00h = Specifies the PCI bus that is connected to the ÉlanSC520 microcontroller’s host bridge.
This causes the host bridge to perform a type zero configuration cycle.
Other values = The host bridge performs a type one configuration cycle. In a type one
configuration cycle, the contents of this bit field (BUS_NUM) are driven unchanged on
the PCI bus during the address phase of the cycle.
If the BUS_NUM and DEVICE_NUM bit fields are both 0, the configuration cycle does not
appear on the PCI bus because this combination addresses the internal PCI-indexed
registers of the host bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com