Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 53Page - Advanced Micro Devices ELANSC520 Datasheet HTML 54Page - Advanced Micro Devices ELANSC520 Datasheet HTML 55Page - Advanced Micro Devices ELANSC520 Datasheet HTML 56Page - Advanced Micro Devices ELANSC520 Datasheet HTML 57Page - Advanced Micro Devices ELANSC520 Datasheet HTML 58Page - Advanced Micro Devices ELANSC520 Datasheet HTML 59Page - Advanced Micro Devices ELANSC520 Datasheet HTML 60Page - Advanced Micro Devices ELANSC520 Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 440 page
background image
Élan™SC520 Microcontroller Register Set Manual
5-1
CHAPTER
5 SYSTEM ARBITRATION REGISTERS
5.1
OVERVIEW
This chapter describes the system arbiter registers of the ÉlanSC520 microcontroller.
The ÉlanSC520 microcontroller’s system arbiter controls access to the PCI bus and the
internal CPU bus.
The system arbiter register set consists of four memory-mapped configuration region
(MMCR) registers that provide control and status functions. See the
Élan™SC520
Microcontroller User’s Manual, order #22004, for details about the system arbiter.
Table 5-1 lists the system arbiter registers in offset order, with the corresponding
description’s page number.
5.2
REGISTERS
Table 5-1
System Arbiter MMCR Registers
Register Name
Mnemonic
MMCR Offset
Page Number
System Arbiter Control
SYSARBCTL
70h
page 5-2
PCI Bus Arbiter Status
PCIARBSTA
71h
page 5-3
System Arbiter Master Enable
SYSARBMENB
72h
page 5-4
Arbiter Priority Control
ARBPRICTL
74h
page 5-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com